Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8834ACBZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADN8834ACBZ-R7
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834ACBZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADN8834ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADN8834ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADN8834ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADN8834ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADN8834ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADN8834ACBZ-R7 Datasheet HTML 24Page - Analog Devices ADN8834ACBZ-R7 Datasheet HTML 25Page - Analog Devices ADN8834ACBZ-R7 Datasheet HTML 26Page - Analog Devices ADN8834ACBZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
ADN8834
Data Sheet
Rev. B | Page 24 of 27
Linear Power Stage Layout Guidelines
The linear power stage consists of a MOSFET pair that forms a
linear amplifier, which operates in linear mode for very low output
currents, and changes to fully enhanced mode for greater
output currents.
Because the linear power stage does not switch currents rapidly
like the PWM power stage, it does not generate noise currents.
However, the linear power stage still requires a minimum
amount of bypass capacitance to decouple its input.
Place a 100 nF capacitor that connects from PVIN to PGNDL as
close as possible to the PVIN pin.
Placing the Thermistor Amplifier and PID Components
The thermistor conditioning and PID compensation amplifiers
work with very small signals and have gain; therefore, attention
must be paid when placing the external components with these
circuits.
Place the thermistor conditioning and PID circuit components
close to each other near the inputs of Chopper 1 and Chopper 2.
Avoid crossing paths between the amplifier circuits and the
power stages to prevent noise pickup on the sensitive nodes.
Always reference the thermistor to AGND to have the cleanest
connection to the amplifier input and to avoid any noise or
offset build up.
EXAMPLE PCB LAYOUT USING TWO LAYERS
Figure 41, Figure 42, and Figure 43 show an example ADN8834
PCB layout that uses two layers. This layout example achieves a
small solution size of approximately 20 mm2 with all of the
conditioning circuitry and PID included. Using more layers and
blinds via allows the solution size to be reduced even further
because more of the discrete components can relocate to the
bottom side of the PCB.
ITEC
VTEC
PGND
TEMPSET
VIN
TEC+
TEC–
NTC
CONNECT TO GROUND PLANE
CONNECT TO GROUND PLANE
CSW_OUT
0402
CIN_S
CIN_L
RC2
0201
RC1
0201
RV2
0201
RV1
0201
RB
0201
RA
0201
R
0201
RX
0201
CVREF
0201
CI
0402
CF
0201
CD
0201
RI
0201
RP
0201
CVDD
RBP
PGNDL
PGNDL
OUT 1
IN 1P
IN 2P
LDR
LDR
IN 1N
IN 2N
VLIM /
SD
PVIN
PVIN
ITEC
OUT 2
ILIM
SW
SW
VTEC
EN /SY
VDD
PGNDS
PGNDS
SFB
AGND
VREF
CIN_S
CIN_L
CVDD
P NDL
PGNDL
P N L
PGNDL
OUT
UT 1
IN
N 1
1P
IN
N 2
2P
L
L
L R
R
L
L
LD
LD
L
LDR
DR
R
DR
N
IN 1
1
1N
IN
N
N 2
2
2
2N
VLIM
IM /
SD
SD
VI
PVIN
VI
VI
PVIN
EC
TEC
ITEC
OUT
OUT
UT
UT 2
2
ILIM
LIM
SW
SW
W
S
S
S
S
SW
S
S
SW
SW
W
SW
V
VTE
TE
VTEC
EN
N//SY
SY
DD
VDD
D
VD
P
P
P
P
P N
PGN
N
N
N
N
GN
NDS
NDS
S
DS
S
PGN
PG
S
NDS
N S
S
P
P
P
P
P
PGN
GN
GN
ND
NDS
DS
S
S
P
PGN
P NDS
N S
S
S
P
SFB
SFB
AGND
GN
EF
V
VR
RE
RE
CONNECT AGND
TO PGNDS ONLY AT A
SINGLE POINT AS A
STAR CONNECTION
AGND
4.0
3.5
3.0
2.5
1.5
1.0
0.5
0
2.0
Figure 41. Example PCB Layout Using Two Layers (Top and Bottom Layers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com