Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1850 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 9Page - Analog Devices ADP1850 Datasheet HTML 10Page - Analog Devices ADP1850 Datasheet HTML 11Page - Analog Devices ADP1850 Datasheet HTML 12Page - Analog Devices ADP1850 Datasheet HTML 13Page - Analog Devices ADP1850 Datasheet HTML 14Page - Analog Devices ADP1850 Datasheet HTML 15Page - Analog Devices ADP1850 Datasheet HTML 16Page - Analog Devices ADP1850 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADP1850
Rev. C | Page 13 of 32
MODES OF OPERATION
The SYNC pin is a multifunctional pin. PWM mode is enabled
when SYNC is connected to VCCO or a high logic. With SYNC
connected to ground or left floating, the pulse skip mode is
enabled. Switching SYNC from low to high or high to low on
the fly causes the controller to transition from forced PWM
to pulse skip mode or pulse skip mode to forced PWM, respec-
tively, in two clock cycles.
Table 5. Mode of Operation Truth Table
SYNC Pin
Mode of Operation
Low
Pulse skip mode
High
Forced PWM or two-phase operation
No Connect
Pulse skip mode
Clock Signal
Forced PWM or two-phase operation
The ADP1850 has a pulse skip sensing circuitry that allows the
controller to skip PWM pulses, thus, reducing the switching
frequency at light loads and, therefore, maintaining high
efficiency during a light load operation. The switching
frequency is a fraction of the natural oscillator frequency and
is automatically adjusted to regulate the output voltage. The
resulting output ripple is larger than that of the fixed frequency
forced PWM. Figure 24 shows that the ADP1850 operates in
PSM under a very light load. Pulse skip frequency under light
load is dependent on the inductor, output capacitance, output
load, and input and output voltages.
CH3 20mV
CH2 200mV
CH1 10V
CH4 2A
Ω
M200µs
A CH1
7.8V
SW1
COMP1 (CH2)
VOUT RIPPLE
INDUCTOR
CURRENT
1
3
2
4
Figure 24. Example of Pulse Skip Mode Under Light Load
When the output load is greater than the pulse skip threshold
current, that is, VCOMP reaches the threshold of 0.9 V, the
ADP1850 exits the pulse skip mode of operation and enters
the fixed frequency discontinuous conduction mode (DCM),
as shown in Figure 25. When the load increases further, the
ADP1850 enters CCM.
CH3 20mV
CH2 5V
CH1 10V
CH4 2A
Ω
M1µs
A CH1
13.4V
DH1
DL1
OUTPUT
RIPPLE
INDUCTOR CURRENT
1
2
3
4
Figure 25. Example of Discontinuous Conduction Mode (DCM) Waveform
In forced PWM, the ADP1850 always operates in CCM at any
load. The inductor current is always continuous, thus, efficiency
is poor at light loads.
SYNCHRONIZATION
The switching frequency of the ADP1850 can be synchronized
to an external clock by connecting SYNC to a clock signal. The
external clock should be between 1× and 2.3× of the internal
oscillator frequency, fSW. The resulting switching frequency is ½
of the external SYNC frequency because the SYNC input is
divided by 2, and the resulting phases are used to clock the two
channels alternately. In synchronization, the ADP1850 operates
in PWM.
When an external clock is detected at the first SYNC edge, the
internal oscillator is reset, and the clock control shifts to SYNC.
The SYNC edges then trigger subsequent clocking of the PWM
outputs. The DH1/DH2 rising edges appear approximately 100 ns
after the corresponding SYNC edge, and the frequency is locked
to the external signal. Depending on the start-up conditions of
Channel 1 and Channel 2, either Channel 1 or Channel 2 can be
the first channel synchronized to the rising edge of the SYNC
clock. If the external SYNC signal disappears during operation,
the ADP1850 reverts to its internal oscillator. When the SYNC
function is used, it is recommended to connect a pull-up resistor
from SYNC to VCCO so that when the SYNC signal is lost, the
ADP1850 continues to operate in PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com