Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2126 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2126
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2126 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2126 Datasheet HTML 9Page - Analog Devices ADP2126 Datasheet HTML 10Page - Analog Devices ADP2126 Datasheet HTML 11Page - Analog Devices ADP2126 Datasheet HTML 12Page - Analog Devices ADP2126 Datasheet HTML 13Page - Analog Devices ADP2126 Datasheet HTML 14Page - Analog Devices ADP2126 Datasheet HTML 15Page - Analog Devices ADP2126 Datasheet HTML 16Page - Analog Devices ADP2126 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADP2126/ADP2127
Rev. B | Page 13 of 20
reshold, EXTCLK must be powered with the logic high signal
ed
whe
d Figure 3 for the timing specifications and
PROTECTION FEATURES
Overcurrent Protection
To ensure that excessively high currents do not damage the
MOSFET switches, the ADP2126/ADP2127 incorporate cycle-by-
cycle overcurrent protection. This function is accomplished by
monitoring the instantaneous peak current on the power PMOS
switch. If this current exceeds the PMOS switch current limit
(1 A typical), then the PMOS is immediately turned off. This
minimizes the potential for damage to power components during
certain faults and transient events.
Output Short-Circuit Protection (SCP)
If the output voltage is shorted to GND, a standard dc-to-dc
controller delivers maximum power into that short. This may
result in a potentially catastrophic failure. To prevent this, the
ADP2126/ADP2127 sense when the output voltage is below the
SCP threshold (typically 0.52 V). At this point, the controller
turns off for approximately 450 μs and then automatically initiates a
soft start sequence. This cycle repeats until the short is removed
or the part is disabled. Figure 16 shows the operating behavior of
the ADP2126/ADP2127 during a short-circuit fault. The SCP
dramatically reduces the power delivered into the short circuit,
yet still allows the converter to recover when the fault is removed.
Thermal Shutdown (TSD) Protection
The ADP2126/ADP2127 also include TSD protection when the
part is in PWM mode only. If the die temperature exceeds 146°C
(typical), the TSD protection activates and turns off both MOSFET
power devices. They remain off until the die temperature falls to
133°C (typical), at which point the regulator restarts.
Undervoltage Lockout (UVLO)
If the input voltage drops below the UVLO falling threshold, the
ADP2126/ADP2127 automatically turn off the power switches and
enter a low power consumption mode. This prevents potentially
erratic operation at low input voltages. The parts remain in this
state until the input voltage rises above the UVLO rising threshold.
The UVLO levels have approximately 100 mV of hysteresis to
ensure glitch-free startup.
For the logic high enable option, during startup and UVLO
recovery after the input voltage drops below the UVLO falling
after VIN. If VIN dips below the UVLO falling threshold and
EXTCLK is powered before VIN with a logic high signal, the
UVLO does not become active. If VIN and EXTCLK are
powered from the same source, an RC circuit (see Figure 1)
is recommended to ensure that the ADP2126/ADP2127 are
powered correctly. Rτ and Cτ should be selected so that the
RC time constant (τ) is greater than the 200 μs minimum
specification for VIN high to EXTCLK on (t1). τ is calculat
using the following equation:
τ = Rτ × Cτ
re τ ≥ t1.
See Table 1 an
diagrams.
A2
B2
C2
VIN
EXTCLK
GND
OFF
ON
VIN
CIN
()
R
C
Figure 29. Recommended Logic Enable Startup Ci
it
TIMING CO
6/ADP2127 enter shutdown mode after the
ereby triggering UVLO, the ADP2126/
t
al
rcu
NSTRAINTS
Shutdown Time
When the ADP212
EXTCLK signal is removed, the ADP2126/ADP2127 must remain
in shutdown mode for a minimum of 1400 μs, if no load is applied,
before the EXTCLK signal can be reapplied. This allows all internal
nodes to discharge to an off state.
Power-Off Time
When VIN drops, th
ADP2127 have a minimum power-off time (t7) of 500 μs tha
must elapse before VIN can be reapplied. This allows all intern
nodes to discharge enough power so that all internal devices are
in an off state.
t7
VIN × 10%
Figure 30. Power-Off Time
th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com