Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-2-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP2450ACPZ-2-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-2-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP2450ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP2450ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP2450ACPZ-2-R7 Datasheet HTML 23Page - Analog Devices ADP2450ACPZ-2-R7 Datasheet HTML 24Page - Analog Devices ADP2450ACPZ-2-R7 Datasheet HTML 25Page - Analog Devices ADP2450ACPZ-2-R7 Datasheet HTML 26Page - Analog Devices ADP2450ACPZ-2-R7 Datasheet HTML 27Page - Analog Devices ADP2450ACPZ-2-R7 Datasheet HTML 28Page - Analog Devices ADP2450ACPZ-2-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Data Sheet
ADP2450
Rev. B | Page 25 of 40
ADP2450
ACTUATOR
DRIVER
TRG
GATE
6ms
10ms
MCU
GPIO
ANALOG TRIP
CONTROL
ANALOG TRIP
COMPARATOR
OUTPUT
Figure 69. Actuator Driver Control Circuit
THERMAL SHUTDOWN
In the event that the ADP2450 junction temperature exceeds
150°C, the thermal shutdown circuit turns off most of the
internal blocks but pulls the boost driver voltage (DRV pin) to
high. A 15°C hysteresis is included so that the ADP2450 does
not recover from thermal shutdown until the on-chip temperature
drops below 135°C. Upon recovery, a soft start and power-up
sequence is initiated prior to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com