Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5310
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5310 Datasheet HTML 20Page - Analog Devices ADP5310 Datasheet HTML 21Page - Analog Devices ADP5310 Datasheet HTML 22Page - Analog Devices ADP5310 Datasheet HTML 23Page - Analog Devices ADP5310 Datasheet HTML 24Page - Analog Devices ADP5310 Datasheet HTML 25Page - Analog Devices ADP5310 Datasheet HTML 26Page - Analog Devices ADP5310 Datasheet HTML 27Page - Analog Devices ADP5310 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP5310
Data Sheet
Rev. A | Page 24 of 28
CAPACITOR SELECTION
Output Capacitor
TheADP5310 is designed for operation with small, space-saving
ceramic capacitors, but functions with most common capacitors
provided that the ESR value is carefully considered. The ESR of
the output capacitor affects the stability of the control loop. A
minimum output capacitance of 6.2 µF with an ESR of 10 mΩ
or less is recommended to ensure the stability of the ADP5310.
Input Bypass Capacitor
Connect a 10 µF capacitor from PVINx to PGND to reduce the
circuit sensitivity to the printed circuit board (PCB) layout,
especially when long input traces or high source impedance are
encountered. If greater than 10 µF of output capacitance is
required, increase the input capacitor to match the output
capacitance to improve the transient response.
Input and Output Capacitor Properties
Use any good quality ceramic capacitors with the ADP5310;
however they must meet the minimum capacitance and
maximum ESR requirements. Ceramic capacitors are manu-
factured with a variety of dielectrics, each with different behavior
over temperature and applied voltage. Capacitors must have a
dielectric adequate to ensure the minimum capacitance over the
necessary temperature range and dc bias conditions. X5R or X7R
dielectric capacitors with a voltage rating of 6.3 V to 25 V are
recommended for best performance. Y5V and Z5U dielectrics
are not recommended because of their poor temperature and dc
bias characteristics.
Use the following equation to determine the worst-case
capacitance, accounting for capacitor variation over
temperature, component tolerance, and voltage:
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient (TC).
TOL is the worst-case component tolerance.
In this example, the worst-case TC over −40°C to +85°C is
assumed to be 15% for an X5R dielectric. The tolerance of the
capacitor (TOL) is assumed to be 10%, and CBIAS is 8.53 μF at 12 V
for the 10 μF, 35 V capacitor in a 1210 package.
Substituting these values in Equation 1 yields
CEFF = 8.53 μF × (1 − 0.15) × (1 − 0.1) = 6.53 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the ADP5310 over
temperature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP5310, it is imperative
that the effects of dc bias, temperature, and tolerances of the
capacitors are evaluated for each application.
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
15.75
8.94
9
AGND
12 PWRGD
13 FB1
14 EN1
15 PGND1
16 SW1
11 SYNC/MODE
10 VREG
4.7µH
4mm × 4mm
4.7µH
4mm × 4mm
10µF
25V/X5R
1206
10µF
25V/X5R
1206
100k
Ω
0402
ADP5310
1.0µF
6.3V/X5R
0603
10µF
25V/X5R
1206
PVIN2
SW2
PGND2
FB2
PVIN1
EN3
VOUT3
NC
2
4
5
6
1
8
7
3
Figure 57. Typical PCB Layout for the ADP5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com