Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ASTZ-4-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2450ASTZ-4-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ASTZ-4-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2450ASTZ-4-R7 Datasheet HTML 18Page - Analog Devices ADP2450ASTZ-4-R7 Datasheet HTML 19Page - Analog Devices ADP2450ASTZ-4-R7 Datasheet HTML 20Page - Analog Devices ADP2450ASTZ-4-R7 Datasheet HTML 21Page - Analog Devices ADP2450ASTZ-4-R7 Datasheet HTML 22Page - Analog Devices ADP2450ASTZ-4-R7 Datasheet HTML 23Page - Analog Devices ADP2450ASTZ-4-R7 Datasheet HTML 24Page - Analog Devices ADP2450ASTZ-4-R7 Datasheet HTML 25Page - Analog Devices ADP2450ASTZ-4-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 22 of 40
THEORY OF OPERATION
The ADP2450 is a power management IC for circuit breaker
and CT powered supply applications. The ADP2450 integrates
one boost shunt controller with power detection, one high
efficiency buck regulator, four programmable gain amplifiers, one
low offset operation amplifier, a fast analog trip circuit, and an
actuator driver in a 32-lead LFCSP or 48-lead LQFP package. With
the high integration rate, the ADP2450 provides a compact, robust
power supply and signal conditioning solution for size limited,
high reliability systems.
BOOST SHUNT CONTROLLER
The ADP2450 integrates a boost shunt controller with a field-effect
transistor (FET) driver. The boost shunt controller uses a hysteresis
control scheme to regulate the output voltage. When the feedback
voltage on the FB1 pin is lower than the reference voltage (typically
1.2 V), the FET driver turns off the external FET, and then the
current from CT charges the output capacitor storing energy in
the capacitor. When the output voltage rises and the feedback
voltage on the FB1 pin is higher than the rising threshold
(typically 1.219 V), the FET driver turns on the external FET
and bypasses the CT current to ground through the external FET.
POWER DETECTION
The ADP2450 integrates an input power detection function.
During startup, when the voltage on the VPTH pin is lower
than the VPTH rising threshold (typically 1.22 V), the power
detection FET is turned on and the DET pin is pulled down to
ground. Both the 1 μA and 3.8 μA internal current sources are
added between VPTH and ground. When the voltage on the
VPTH pin rises above the VPTH rising threshold (typical 1.22 V),
the power detection FET is turned off and the DET pin is open.
The 3.8 μA current source is removed and only the 1 μA current
source is added.
When the voltage on the VPTH pin falls below the VPTH
falling threshold (typically 1.09 V), the power detection FET is
turned on again, which pulls the DET pin to ground, and the
3.8 μA current source is added between VPTH and ground again.
The voltage threshold and hysteresis for power detection is
programmable with external resistors on the VPTH pin, as
shown in Figure 65.
VPTH
RTOP_VP
RBOT_VP
ADP2450
1.22V
CMP
1µA
3.8µA
VOUT1
Figure 65. Programmable Voltage of Power Detection
Use the following equation to calculate RTOP_VP and RBOT_VP:
__
_
1.09 V
1.22 V
1.09 V 4.8  A 1.22 V 1  A
OUT1 RISING
OUT1 FALLING
TOP VP
VV
R

 
 
_
_
__
1.22 V
4.8  A 1.22 V
TOP VP
BOT VP
OUT1 RISING
TOP VP
R
R
VR

 
where:
RTOP_VP
is the top side resistor connected between the VOUT1 and
VPTH pin.
RBOT_VP
is the bottom side resistor connected between the
VPTH pin and ground.
VOUT1_RISING
is the VOUT1 rising threshold.
VOUT1_FALLING
is the VOUT1 falling threshold.
A dummy resistor load (RPOWER) connected between VOUT1 and
the DET pin ensures that the whole system is not enabled until
there is enough power provided to the system by the current
transformer, as shown in Figure 66.
RPOWER
VOUT1
ADP2450
DET
GND
Figure 66. Dummy Load Connection
Calculate the dummy load resistor value using the following
equation:
OUT1_RISING
POWER
DUMMY
V
R
I
where IDUMMY is the minimum required current value before
enabling the system.
Ensure that the selected dummy load resistor can handle the
power before the DET pin is open. The power consumption
on the dummy load resistor (PDUMMY) is calculated using the
following equation:
2
DUMMY
DUMMY
POWER
PI
R

INTERNAL REGULATOR
The internal 5 V regulator (VREG) provides a stable voltage
supply for the internal control circuits. It is recommended to
place a 1 μF ceramic capacitor between VREG and GND. The
internal regulator also includes a current-limit circuit for over-
current protection.
The internal 8 V regulator provides the voltage supply for the
boost shunt driver.
The VIN pin provides power supply for both the 5 V and 8 V
internal regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com