Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2504ACPZ-R7
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2504ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2504ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2504ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2504ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2504ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2504ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2504ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADP2503/ADP2504
Rev. D | Page 9 of 16
CH1 100mV BW
CH4 2.00V BW
CH2 500mA Ω
M100µs
A CH2
410mA
4
1
2
T
45.40%
VIN = 3.6V
VOUT = 3.3V
SW1
IOUT
VOUT
Figure 21. Mode Change by Load Transients, Load Fall (VOUT = 3.3 V)
CH1 50.0mV BW
CH4 5.00V BW
CH3 5.00V BW
CH2 250mA Ω
M 400ns
A CH3
2.40V
3
4
1
2
T
50.00%
VIN = 2.3V
VOUT = 4.0V
SW2
SW1
ISW
VOUT
Figure 22. Typical PWM Switching Waveform, Boost Operation (VOUT = 4.0 V)
CH1 20.0mV BW
CH4 5.00V BW
CH3 5.00V BW
CH2 250mA Ω
M 400ns
A CH4
2.40V
3
1
2
4
T
50.80%
VIN = 4.4V
VOUT = 4.0V
SW2
SW1
ISW
VOUT
Figure 23. Typical PWM Switching Waveform, Buck Operation (VOUT = 4.0 V)
CH1 20.0mV BW
CH4 5.00V BW
CH3 5.00V BW
CH2 250mA Ω
M 400ns
A CH4
2.40V
3
1
2
4
T
50.00%
VIN = 3.0V
VOUT = 3.3V
SW2
SW1
ISW
VOUT
Figure 24. Typical PWM Switching Waveform, Buck-Boost Operation
(VOUT = 3.3 V)
CH1 100mV BW
CH4 5.00V BW
CH3 5.00V BW
CH2 1.00A Ω
M 4.00µs
A CH2
820mA
3
4
1
2
T
15.20%
VIN = 3.0V
VOUT = 3.3V
SW2
SW1
ISW
VOUT
Figure 25. Typical PSM Switching Waveform, Buck-Boost Operation
(VOUT = 3.3 V)
CH1 2.00V BW
CH4 5.00V BW
CH3 5.00V BW
CH2 500mAΩ BW M 100µs
A CH3
2.40V
4
1
3
2
T
9.400%
VOUT = 3.3V
EN
SW1
ISW
VOUT
Figure 26. Startup into PWM Mode (VOUT = 3.3 V, IOUT = 300 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com