Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMIP63BCTO Datasheet(PDF) 1 Page - Schneider Electric

Part # HMIP63BCTO
Description  Modular box PC, Harmony P6, standard Intel Core i3 8145UE, 2 Core, 4 Threads, for configured products
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HMIP63BCTO Datasheet(HTML) 1 Page - Schneider Electric

  HMIP63BCTO Datasheet HTML 1Page - Schneider Electric HMIP63BCTO Datasheet HTML 2Page - Schneider Electric HMIP63BCTO Datasheet HTML 3Page - Schneider Electric HMIP63BCTO Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Specifications
Modular box PC, Harmony P6,
standard Intel Core i3 8145UE, 2
Core, 4 Threads, for configured
products
HMIP63BCTO
Main
Range of Product
Harmony P6
Product or Component Type
Modular box PC
Device short name
HMIP63
Operating system
Windows 10 IoT Enterprise 64 bitmulti-language
Free slots
1 Internal SATA HDD/SSD with slide-in storage
1 M.2 SSD
Video controller type
Intel UHD Graphics 620
Complementary
Range Compatibility
IDisplay
Harmony P6
Harmony FP6
Accessory / separate part
destination
PC panel Harmony P6 Modular Display
Mounting Location
Wall mounting
Flat mounting
Book mounting
Panel
Processor name
Intel Core i3 8145UE turbo boost at 3.9 GHz
Integrated connection type
Display port 1 DP bottom DP++
Ethernet 2 RJ45 10 BASE-T/100 BASE-TX/1000 BASE-T 10/100/1000 Mbps bottom IEEE 1588
supported
COM1 serial link 1 male SUB-D 9 RS232C 2400...115200 bps bottom
USB 2.0 port 2 USB type A 480 Mbit/s bottom
USB 3.0 port 2 USB type A 5 Gbit/s bottom
USB 3.0 port 1 USB type C 5 Gbit/s bottom
TPM (Trusted Platform Module version 2) cyber security - hardware encryption TPM module by default
motherboard
Memory description
8 GB, expandable to 64 GB RAM DDR4 internal 2
Number of slots
1 optional interfaceslot-IN
Display resolution
4096 x 2304 pixels at 60 Hz
Watchdog timer
1…255 ms
Type of cooling
Fanless
Electrical connection
Terminal block bottom
[Us] rated supply voltage
24 V DC power supply
100...240 V DC power supply
Supply voltage limits
18…31.2 V
85…264 V
 
May 2, 2022
1


Similar Part No. - HMIP63BCTO

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HMIP65BCTO SCHNEIDER-HMIP65BCTO Datasheet
316Kb / 5P
Advanced box, Harmony P6, Intel Core i5-8365UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP67BCTO SCHNEIDER-HMIP67BCTO Datasheet
316Kb / 5P
Modular box PC, Harmony P6, advanced Intel Core i7 8665UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP6CBCTO SCHNEIDER-HMIP6CBCTO Datasheet
316Kb / 5P
Modular box PC, Harmony P6, advanced Intel Celeron 4305UE, 2 Core, 2 Threads, for configured products
May 2, 2022
More results

Similar Description - HMIP63BCTO

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-BX1-ATI1E ADVANTECH-HIT-BX1-ATI1E Datasheet
498Kb / 2P
Healthcare Box PC with Intel Atom??D2550 / Core??i3 & i7 Processor
ARK-2230L ADVANTECH-ARK-2230L Datasheet
1Mb / 4P
Intel Celeron Quad Core J1900 SoC Modular Fanless Box PC
ARK-2250L ADVANTECH-ARK-2250L Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
logo
DFI Inc
ES520-HU DFI-ES520-HU Datasheet
1Mb / 2P
4th Gen Intel Core Desktop Box PC
logo
Advantech Co., Ltd.
ARK-2250LA2 ADVANTECH-ARK-2250LA2 Datasheet
903Kb / 4P
Intel 6th/7th Generation Core??i3/i5/i7 Modular Fanless Box PC
12-Jul-2021
ARK-2250L ADVANTECH-ARK-2250L_V01 Datasheet
1Mb / 4P
Intel 6th Generation Core??i3/i5/i7 Modular Fanless Box PC
21-Mar-2019
logo
Schneider Electric
HMIP65BCTO SCHNEIDER-HMIP65BCTO Datasheet
316Kb / 5P
Advanced box, Harmony P6, Intel Core i5-8365UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP67BCTO SCHNEIDER-HMIP67BCTO Datasheet
316Kb / 5P
Modular box PC, Harmony P6, advanced Intel Core i7 8665UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP6CBCTO SCHNEIDER-HMIP6CBCTO Datasheet
316Kb / 5P
Modular box PC, Harmony P6, advanced Intel Celeron 4305UE, 2 Core, 2 Threads, for configured products
May 2, 2022
logo
Advantech Co., Ltd.
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com