Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMIP65BCTO Datasheet(PDF) 3 Page - Schneider Electric

Part # HMIP65BCTO
Description  Advanced box, Harmony P6, Intel Core i5-8365UE, 4 cores, 8 threads, for configured products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HMIP65BCTO Datasheet(HTML) 3 Page - Schneider Electric

  HMIP65BCTO Datasheet HTML 1Page - Schneider Electric HMIP65BCTO Datasheet HTML 2Page - Schneider Electric HMIP65BCTO Datasheet HTML 3Page - Schneider Electric HMIP65BCTO Datasheet HTML 4Page - Schneider Electric HMIP65BCTO Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ordering and shipping details
GTIN
3606481977328
Nbr. of units in pkg.
1
Package weight(Lbs)
9.92 lb(US) (4.5 kg)
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
6.10 in (15.5 cm)
Package 1 width
11.02 in (28 cm)
Package 1 Length
15.35 in (39 cm)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
May 2, 2022
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com