Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMIP6CBCTO Datasheet(PDF) 2 Page - Schneider Electric

Part # HMIP6CBCTO
Description  Modular box PC, Harmony P6, advanced Intel Celeron 4305UE, 2 Core, 2 Threads, for configured products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HMIP6CBCTO Datasheet(HTML) 2 Page - Schneider Electric

  HMIP6CBCTO Datasheet HTML 1Page - Schneider Electric HMIP6CBCTO Datasheet HTML 2Page - Schneider Electric HMIP6CBCTO Datasheet HTML 3Page - Schneider Electric HMIP6CBCTO Datasheet HTML 4Page - Schneider Electric HMIP6CBCTO Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Inrush current
30 A
Power Consumption in W
121 W
140 VA
Cyber secured boot
Secure password boot UEFI
Software package
Node-RED pre-installed
EcoStruxure machine SCADA expert run time (on configured offer)
EcoStruxure Operator Terminal Expert run time (on configured offer)
AVEVA system platform installer (on configured offer)
EcoStruxure Secure Connect Advisor (license to be purchased seperately)
EcoStruxure augmented operator advisor (license to be purchased seperately)
Stratus EverRun (exchange partner) (license to be purchased seperately)
McAfee (license to be purchased seperately)
Control type
ON push-button
Local signalling
Power, green, orange and red 2 LEDs LED)
Width
11.42 in (290 mm)
Height
7.68 in (195 mm)
Depth
2.56 in (65 mm)
Product Weight
7.72 lb(US) (3.5 kg)
Environment
IP degree of protection
IP20 IEC 61131-2
NEMA degree of protection
NEMA 4X/13
Standards
Level 3 EN/IEC 61000-4-2
IEC 61000-4-4
EN/IEC 61131-2
FCC part 15
Class I division 2 UL 61010-2-201
Product certifications
CE
CULus
CSA
UL 61010-2-201
RCM
Ambient air temperature for
operation
32…131 °F (0…55 °C) wall mounting without HDD) side EN/IEC 60068-2-2
32…131 °F (0…55 °C) book mounting without HDD) side
32…122 °F (0…50 °C) flat mounting without HDD) top
32…122 °F (0…50 °C) book mounting without HDD) top
32…113 °F (0…45 °C) wall mounting with HDD and fan kit) side
32…113 °F (0…45 °C) book mounting with HDD and fan kit) side
32…113 °F (0…45 °C) flat mounting with HDD and fan kit) top
32…113 °F (0…45 °C) book mounting with HDD and fan kit) top
32…131 °F (0…55 °C) panel without HDD) landscape
32…122 °F (0…50 °C) panel without HDD) portrait
32…113 °F (0…45 °C) panel with HDD and fan kit) landscape
32…113 °F (0…45 °C) panel with HDD and fan kit) portrait
Ambient air temperature for
storage
-22…158 °F (-30…70 °C)
Pollution degree
2
Relative Humidity
10…90 % non-condensing
Operating altitude
6561.68 ft (2000 m)
Vibration resistance
9.8 m/s² 9…150 Hz) M.2 SSD IEC 61131-2
9.8 m/s² 9…150 Hz) SSD IEC 61131-2
4.9 m/s² 9…150 Hz) HDD IEC 61131-2
Shock resistance
147 m/s² X, Y, Z directions for 3 times IEC 61131-2
Quality labels
CE
Directives
2014/35/EU - low voltage directive
2014/30/EU - electromagnetic compatibility
Main type
Advanced
Number of slots available for
expansion
2 optional interface
1 M.2 SSD
2 2.5 inch HDD/SSD
2 PCI express 4x (optional)
2 PCI (optional)
2
May 2, 2022



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com