Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC779 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC779
Description  Integrated DrMOS Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC779 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC779 Datasheet HTML 1Page - Vishay Siliconix SIC779 Datasheet HTML 2Page - Vishay Siliconix SIC779 Datasheet HTML 3Page - Vishay Siliconix SIC779 Datasheet HTML 4Page - Vishay Siliconix SIC779 Datasheet HTML 5Page - Vishay Siliconix SIC779 Datasheet HTML 6Page - Vishay Siliconix SIC779 Datasheet HTML 7Page - Vishay Siliconix SIC779 Datasheet HTML 8Page - Vishay Siliconix SIC779 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.vishay.com
4
Document Number: 67538
S11-0703-Rev. B, 18-Apr-11
Vishay Siliconix
SiC779
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TIMING DEFINITIONS
Note:
GH is referenced to the high side source. GL is referenced to the low side source
SiC779 BLOCK DIAGRAM
Region
Definition
Symbol
1
Turn off propagation delay LS
td_off_LS
2
Fall time LS
tf_LS
3
Dead time rising
tdead_on
4
Rise time HS
tr_HS
5
Turn off propagation delay HS
td_off_HS
6
Fall time HS
tf_HS
7
Dead time falling
tdead_off
8
Rise time LS
tr_LS
PWM
GH
GL
SW
12 3 4
5 6
7
8
10 %
90 %
10 %
90 %
75 %
25 %
Figure 2
20K
V
SWH
P
GND
P
GND
+
-
LG
V
REF = 1 V
V
REF = 1 V
+
-
UVLO
Zero-
Current
Detect
V
CIN
V
CIN
DSBL#
PWM
C
GND
Thermal Monitor
and Warning
PWM
Logic
Control
and
State
Machine
Anti-Cross-
Conduction
Control
Logic
SMOD#
GL
V
IN
+
-
V
SWH
GH
BOOT
V
DRV
V
DRV
THDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com