Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12116 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP12116
Description  3 A Current Mode Constant On-Time Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12116 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP12116 Datasheet HTML 1Page - Vishay Siliconix SIP12116 Datasheet HTML 2Page - Vishay Siliconix SIP12116 Datasheet HTML 3Page - Vishay Siliconix SIP12116 Datasheet HTML 4Page - Vishay Siliconix SIP12116 Datasheet HTML 5Page - Vishay Siliconix SIP12116 Datasheet HTML 6Page - Vishay Siliconix SIP12116 Datasheet HTML 7Page - Vishay Siliconix SIP12116 Datasheet HTML 8Page - Vishay Siliconix SIP12116 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SiP12116
www.vishay.com
Vishay Siliconix
S20-0484-Rev. D, 29-Jun-2020
2
Document Number: 62969
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 2 - SiP12116 Pin Configuration (Bottom View)
MARKING
PIN CONFIGURATION
PIN NUMBER
NAME
FUNCTION
1FB
Feedback voltage 0.6 V (typ.) input. Use a resistor divider between VOUT and thermal pad to set the
output voltage
2VCC
Internal regulator output
3VIN
Input supply voltage for power MOS and regulator. VIN = 4.5 V to 15 V
4, 5
PGND
Power ground
6, 7
LX
Switching node, inductor connection point
8BOOT
Bootstrap pin - connect a capacitor of at least 100 nF from BOOT to LX to develop the floating supply
for the high side gate driver
9PGOOD
Power good output. Open drain
10
EN
Enable input. Pull enable above 1.5 V to enable and below 0.4 V to disable the part. Do not float this pin
Pad
AGND
Analog ground. The pad also improves thermal performance
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING
(LINE 1: P/N)
SiP12116DMP-T1-GE4
DFN10 3 x 3
2116
SiP12116DB
Reference board
1 FB
2 VCC
3 VIN
4 PGND
5 PGND
LX 6
LX 7
BOOT 8
PGOOD 9
EN 10
AGND
pad
Format:
Line 1: Dot
Line 2: P/N
Line 3: Siliconix Logo + ESD Symbol
Line 4: Factory Code + Year Code + Work Week Code + LOT Code
P/N
FYWLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com