Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12110DB Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP12110DB
Description  6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12110DB Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP12110DB Datasheet HTML 8Page - Vishay Siliconix SIP12110DB Datasheet HTML 9Page - Vishay Siliconix SIP12110DB Datasheet HTML 10Page - Vishay Siliconix SIP12110DB Datasheet HTML 11Page - Vishay Siliconix SIP12110DB Datasheet HTML 12Page - Vishay Siliconix SIP12110DB Datasheet HTML 13Page - Vishay Siliconix SIP12110DB Datasheet HTML 14Page - Vishay Siliconix SIP12110DB Datasheet HTML 15Page - Vishay Siliconix SIP12110DB Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SiP12110
www.vishay.com
Vishay Siliconix
S20-0484-Rev. B, 29-Jun-2020
13
Document Number: 64299
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 24 - Reference Board Schematic
PCB LAYOUT OF REFERENCE BOARD
Fig. 25 - Top Layer
Fig. 26 - Inner Layer1
Fig. 27 - Bottom Layer
Fig. 28 - Inner Layer2
BILL OF MATERIAL
ITEM QTY
REFERENCE
VALUE
VOLTAGE
FOOTPRINT
PART NUMBER
MANUFACTURER
1
3
C1, C5, C6
0.1 μF
35 V
C0402-TDK
GMK105BJ104KV-F
Taiyo Yuden
2
2
C2, C3
22 μF
10 V
C0805-TDK
LMK212BJ226MG-T
Taiyo Yuden
3
1
C4
22 μF
35 V
C0805-TDK
C2012X5R1V226M125AC
TDK
4
1
C7
2.2 μF
16 V
C0603-TDK
C0603C225K4PACTU
Kemet
5
1
C8
10 nF
16 V
C0402-TDK
CC0402KRX7R7BB103
Yageo
6
1
C9
0.47 nF
50 V
C0402-TDK
C1005C0G1H471J050BA
TDK
7
1
IC1
SiP12110
-
QFN16 3 x 3
SiP12110DMP-T1-GE4
Vishay
86
J1, J2, J3, J4,
J5, J6
VIN, VOUT, VO_GND,
VIN_GND, EN, PGD
-
TP30
2108-2-00-44-00-00-07
Mill-Max
9
1
L1
1 μH
-
IHLP1616
IHLP1616BZER1R0M11
Vishay
10
1
R1
75 k
-
R0402-Vishay
CRCW040275K0FKEDHP
Vishay
11
1
R2
0
-
R0402-Vishay
RCG04020000Z0ED
Vishay
12
1
R3
6.04 k
-
R0402-Vishay
CRCW04026K04FKED
Vishay
13
2
R4, R5
100 k
-
R0402-Vishay
CRCW0402100KFKED
Vishay
14
2
R6, R7
5.11k
-
R0402-Vishay
CRCW04025K11FKED
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com