Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2804 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP2804
Description  Low Power Consumption Current Mode Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2804 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP2804 Datasheet HTML 1Page - Vishay Siliconix SIP2804 Datasheet HTML 2Page - Vishay Siliconix SIP2804 Datasheet HTML 3Page - Vishay Siliconix SIP2804 Datasheet HTML 4Page - Vishay Siliconix SIP2804 Datasheet HTML 5Page - Vishay Siliconix SIP2804 Datasheet HTML 6Page - Vishay Siliconix SIP2804 Datasheet HTML 7Page - Vishay Siliconix SIP2804 Datasheet HTML 8Page - Vishay Siliconix SIP2804 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 72660
S11-0598-Rev. E, 25-Apr-11
Vishay Siliconix
SiP2800, SiP2801, SiP2802, SiP2803, SiP2804, SiP2805
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum (- 40 °C to 85 °C).
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing and are measured at VCC = 12 V unless otherwise
noted.
c. Gain is defined by A = DVCOMP/DVCS, 0 V
 VCS  0.8 V.
d. Start, Stop, and Zener voltages track each other.
Parameter
Symbol
Test Conditions Unless Specified
VCC = 10 V, RT = 100 k., CT = 330 pF
CREF = 0.1 µF, - 40 °C < TA < 85 °C
Limits
Unit
Min.a
Typ.b
Max.a
Undervoltage Lockout
Start Thresholdd
VSTART
SiP2800
6.6
7.2
7.8
V
SiP2801
8.6
9.4
10.2
SiP2802 /
SiP2804
11.5
12.5
13.5
SiP2803 /
SiP2805
3.7
4.1
4.5
Stop Thresholdd
VSTOP
SiP2800
6.3
6.9
7.5
SiP2801
6.8
7.4
8.0
SiP2802 /
SiP2804
7.6
8.3
9.0
SiP2803 /
SiP2805
3.2
3.6
4.0
Start to Stop Hysteresis
VHYS
SiP2800
0.05
0.30
0.48
SiP2801
1.5
2.0
2.4
SiP2802 /
SiP2804
3.0
4.2
5.1
SiP2803 /
SiP2805
0.2
0.5
0.8
Soft-Start
COMP Rise Time
SS
FB = 1.8 V, Rise from 0.5 V to VREF - 1 V
410
ms
Overall
Start-up Current
ISTART
VCC < Start Threshold
0.1
0.2
mA
Operating Supply Current
ICC
FB = 0 V, CS = 0 V
0.5
1.0
VCC Internal Zener Voltage
d
VZ
ICC = 10 mA
12.0
13.5
15.0
V
VCC Internal Zener Voltage Minus
Start Threshold Voltaged
VZ - VSTART
SiP2802 /
SiP28004
0.5
1.0
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com