Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32409 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP32409
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32409 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP32409 Datasheet HTML 7Page - Vishay Siliconix SIP32409 Datasheet HTML 8Page - Vishay Siliconix SIP32409 Datasheet HTML 9Page - Vishay Siliconix SIP32409 Datasheet HTML 10Page - Vishay Siliconix SIP32409 Datasheet HTML 11Page - Vishay Siliconix SIP32409 Datasheet HTML 12Page - Vishay Siliconix SIP32409 Datasheet HTML 13Page - Vishay Siliconix SIP32409 Datasheet HTML 14Page - Vishay Siliconix SIP32409 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 18-Apr-16
1
Document Number: 65734
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TDFN4 1.2 x 1.6 Case Outline
Note
(1) The dimension depends on the leadframe that assembly house used.
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.45
0.55
0.60
0.017
0.022
0.024
A1
0.00
-
0.05
0.00
-
0.002
A3
0.15 REF. or 0.127 REF. (1)
0.006 or 0.005 (1)
b
0.20
0.25
0.30
0.008
0.010
0.012
D
1.15
1.20
1.25
0.045
0.047
0.049
D2
0.81
0.86
0.91
0.032
0.034
0.036
e
0.50 BSC
0.020
E
1.55
1.60
1.65
0.061
0.063
0.065
E2
0.45
0.50
0.55
0.018
0.020
0.022
K
0.25 typ.
0.010 typ.
L
0.25
0.30
0.35
0.010
0.012
0.014
ECN: T16-0143-Rev. C, 18-Apr-16
DWG: 5995
Top View
Bottom View
Side View
21
4
3
3
4
12
D
b
e
D2
Index Area
(D/2 x E/2)
Pin #1 ID
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com