Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32416 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP32416
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32416 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP32416 Datasheet HTML 6Page - Vishay Siliconix SIP32416 Datasheet HTML 7Page - Vishay Siliconix SIP32416 Datasheet HTML 8Page - Vishay Siliconix SIP32416 Datasheet HTML 9Page - Vishay Siliconix SIP32416 Datasheet HTML 10Page - Vishay Siliconix SIP32416 Datasheet HTML 11Page - Vishay Siliconix SIP32416 Datasheet HTML 12Page - Vishay Siliconix SIP32416 Datasheet HTML 13Page - Vishay Siliconix SIP32416 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 29-Jun-15
1
Document Number: 67493
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Case Outline for TDFN8 2 x 2
Note
(1) All dimensions are in millimeters which will govern.
(2) Max. package warpage is 0.05 mm.
(3) Max. allowable burrs is 0.076 mm in all directions.
(4) Pin #1 ID on top will be laser/ink marked.
(5) Dimension applies to meatlized terminal and is measured
between 0.20 mm and 0.25 mm from terminal tip.
(6) Applied only for terminals.
(7) Applied for exposed pad and terminals.
Top View
Side View
Bottom View
K
K
L
D2
Pin 1 Indicator
(Optional)
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
D
A
A3
A1
(7)
(6)
0.05 C
Index Area
(D/2 x E/2)
MILLIMETERS
INCHES
DIM.
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
-
0.05
0.000
-
0.002
A3
0.152 REF
0.006 REF
b
0.18
0.23
0.28
0.007
0.009
0.011
D
1.95
2.00
2.05
0.077
0.079
0.081
D2
0.75
0.80
0.85
0.030
0.031
0.033
e
0.50 BSC
0.020 BSC
E
1.95
2.00
2.05
0.077
0.079
0.081
E2
1.40
1.45
1.50
0.055
0.057
0.059
K
-
0.25
-
-
0.010
-
L
0.30
0.35
0.40
0.012
0.014
0.016
ECN: T15-0301-Rev. B, 29-Jun-15
DWG: 5997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com