Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32429 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP32429
Description  28 V, 56 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32429 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP32429 Datasheet HTML 8Page - Vishay Siliconix SIP32429 Datasheet HTML 9Page - Vishay Siliconix SIP32429 Datasheet HTML 10Page - Vishay Siliconix SIP32429 Datasheet HTML 11Page - Vishay Siliconix SIP32429 Datasheet HTML 12Page - Vishay Siliconix SIP32429 Datasheet HTML 13Page - Vishay Siliconix SIP32429 Datasheet HTML 14Page - Vishay Siliconix SIP32429 Datasheet HTML 15Page - Vishay Siliconix SIP32429 Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SiP32419, SiP32429
www.vishay.com
Vishay Siliconix
S21-0021-Rev. H, 18-Jan-2021
13
Document Number: 63939
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package / tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?63939.
PRODUCT SUMMARY
Part number
SiP32419
SiP32429
Description
6 V to 28 V, 56 m
Ω, programmable current
limit and slew rate, latch-off on fault
6 V to 28 V, 56 m
Ω, programmable current
limit and slew rate, auto-retry on fault
Configuration
Single
Single
Slew rate time (μs)
Adjustable
Adjustable
On delay time (μs)
550
550
Input voltage min. (V)
6
6
Input voltage max. (V)
28
28
On-resistance at input voltage min. (m
Ω)56
56
On-resistance at input voltage max. (m
Ω)56
56
Quiescent current at input voltage min. (μA)
139
139
Quiescent current at input voltage max. (μA)
172
172
Output discharge (yes / no)
No
No
Reverse blocking (yes / no)
No
No
Continuous current (A)
4.5
4.5
Current limit min. (A)
0.75
0.75
Current limit max. (A)
3.5
3.5
Absolute maximum input voltage (V)
30
30
Package type
DFN33-10L
DFN33-10L
Package size (W, L, H) (mm)
3.0 x 3.0 x 0.9
3.0 x 3.0 x 0.9
Status code
2
2
Product type
Slew rate, current limit
Slew rate, current limit
Applications
Computers, consumer, industrial,
healthcare, networking, portable
Computers, consumer, industrial,
healthcare, networking, portable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com