Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32453 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32453
Description  0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32453 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32453 Datasheet HTML 1Page - Vishay Siliconix SIP32453 Datasheet HTML 2Page - Vishay Siliconix SIP32453 Datasheet HTML 3Page - Vishay Siliconix SIP32453 Datasheet HTML 4Page - Vishay Siliconix SIP32453 Datasheet HTML 5Page - Vishay Siliconix SIP32453 Datasheet HTML 6Page - Vishay Siliconix SIP32453 Datasheet HTML 7Page - Vishay Siliconix SIP32453 Datasheet HTML 8Page - Vishay Siliconix SIP32453 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SiP32451, SiP32452, SiP32453
www.vishay.com
Vishay Siliconix
S20-0528-Rev. E, 06-Jul-2020
2
Document Number: 63315
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Device mounted with all leads and power pad soldered or welded to PC board
b. Derate 3.6 mW/°C above TA = 70 °C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating/conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
Supply input voltage (VIN)
-0.3 to +2.75
V
Enable input voltage (VEN)
-0.3 to +2.75
Output voltage (VOUT)
-0.3 to +2.75
Maximum continuous switch current (Imax.)1.2
A
Maximum pulsed current (IDM) VIN (pulsed at 1 ms, 10 % duty cycle)
2
ESD rating (HBM)
4000
V
Junction temperature (TJ)
-40 to +150
°C
Thermal resistance (
JA)
a
280
°C/W
Power dissipation (PD) a
196
mW
RECOMMENDED OPERATING RANGE
PARAMETER
LIMIT
UNIT
Input voltage range (VIN)
0.9 to 2.5
V
Operating junction temperature range
-40 to +125
°C
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS SPECIFIED
VIN = 1 V, TA = -40 °C to +85 °C
(typical values are at TA = 25 °C)
LIMITS
UNIT
MIN. a
TYP. b
MAX. a
Operating voltage c
VIN
0.9
-
2.5
V
Quiescent current
IQ
VIN = 1.2 V, VEN = VIN, OUT = open
-
10
15
μA
VIN = 2.5 V, VEN = VIN, OUT = open
-
34
60
Off supply current
IQ(off)
SiP32451
EN = GND, OUT = open
--
30
SiP32452, SiP32453
-
-
1
Off switch current
IDS(off)
EN = GND, OUT = 0 V
-
-
30
Reverse blocking current
IRB
VOUT = 2.5 V, VIN = 0.9 V, VEN = 0 V
-
0.001
10
On-resistance
RDS(on)
VIN = 1 V, IL = 200 mA, TA = 25 °C
-
56
65
m
VIN = 1.2 V, IL = 200 mA, TA = 25 °C
-
55
65
VIN = 1.8 V, IL = 200 mA, TA = 25 °C
-
54
65
VIN = 2.5 V, IL = 200 mA, TA = 25 °C
-
54
65
On-resistance temp. coefficient
TCRDS
-
3900
-
ppm/°C
Output pull-down resistance
RPD
VEN = 0 V, TA = 25 °C (SiP32451 only)
-
425
550
EN input low voltage c
VIL
VIN = 1 V
-
-
0.1
V
EN input high voltage c
VIH
VIN = 2.5 V
1.5
-
-
EN input leakage
IEN
VIN = 2.5 V, VEN = 0 V
-
-
1
μA
VIN = 2.5 V, VEN = 2.5 V
-
10
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com