Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4613A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP4613A
Description  Protected 1-A High-Side Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4613A Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP4613A Datasheet HTML 1Page - Vishay Siliconix SIP4613A Datasheet HTML 2Page - Vishay Siliconix SIP4613A Datasheet HTML 3Page - Vishay Siliconix SIP4613A Datasheet HTML 4Page - Vishay Siliconix SIP4613A Datasheet HTML 5Page - Vishay Siliconix SIP4613A Datasheet HTML 6Page - Vishay Siliconix SIP4613A Datasheet HTML 7Page - Vishay Siliconix SIP4613A Datasheet HTML 8Page - Vishay Siliconix SIP4613A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 69998
S-82461-Rev. B, 06-Oct-08
Vishay Siliconix
SiP4613A, SiP4613B
Notes:
a. Derate 7.6 mW/°C above TA = 70 °C.
b. Device mounted with all leads soldered or welded to PC board.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum (- 40 °C to 85 °C).
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. Guaranteed by design.
ABSOLUTE MAXIMUM RATINGS all voltages referenced to GND = 0 V
Parameter
Limit
Unit
VIN, VON, VON
- 0.3 to 6
V
IMAX
2A
Storage Temperature
- 65 to 150
°C
Operating Junction Temperature
- 40 to 150
°C
Power Dissipationa, PowerPAK TSC75-6
420
mW
Thermal Impedance (
ΘJA)b, PowerPAK TSC75-6
131
°C/W
RECOMMENDED OPERATING RANGE all voltages referenced to GND = 0 V
Parameter
Limit
Unit
IN
2.4 to 5.5
V
Operating Temperature Range
- 40 to 85
°C
SPECIFICATIONSa
Parameter
Symbol
Test Conditions Unless Specified
IN = 5 V, TA = - 40 °C to 85 °C
Limits
Min.a
Typ.b
Max.a
Unit
Power Supplies
Supply Voltage
VIN
2.4
5.5
V
Quiescent Current
IQ
IN = 5 V, ON/ON = Active, lOUT = 0 A
100
µA
Shutdown Current
ISD
IN = 5 V, ON/ON = Inactive
1
Switch Off Current
IS(off)
IN = 5 V, ON/ON = Inactive, VOUT = 0 V, TA = 25 °C
1
Enable Inputs
ON/ON High
VIH
IN = 2.4 V to 5.5 V
1.5
V
ON/ON Low
VIL
0.5
ON/ON Leakage Current
ILH
ON/ON = 5 V
1µA
Turn Off Time
tOFF
IN = 5 V, RL = 10 Ω
0.5
5
µs
Turn On Time
tON
55
120
Output
On-Resistance
RDS
IN = 5 V, TA = 25 °C
150
225
m
Ω
IN = 3 V, TA = 25 °C
180
250
Current Limit
IL
RSET = 6.81 kΩ
0.375
0.5
0.625
A
Minimum Current Limit
IL(min)
125
mA
Output Short Circuit Current
ISH
RSET = 6.81 kΩ
0.350
0.5
0.650
A
Current Limit Response Time
tRESP
IN = 5 V
4
µs
Undervoltage Lockout
UVLO Threshold
VUVLO
Rising Edge
1.8
2.4
V
UVLO Hysteresis
V
HYST
0.05
Thermal Shutdown
Thermal Shutdown Threshold
T
165
°C
Hysteresis
THYST
20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com