Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32432DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32432DN
Description  10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32432DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32432DN Datasheet HTML 1Page - Vishay Siliconix SIP32432DN Datasheet HTML 2Page - Vishay Siliconix SIP32432DN Datasheet HTML 3Page - Vishay Siliconix SIP32432DN Datasheet HTML 4Page - Vishay Siliconix SIP32432DN Datasheet HTML 5Page - Vishay Siliconix SIP32432DN Datasheet HTML 6Page - Vishay Siliconix SIP32432DN Datasheet HTML 7Page - Vishay Siliconix SIP32432DN Datasheet HTML 8Page - Vishay Siliconix SIP32432DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SiP32431DN, SiP32431DR, SiP32432DN, SiP32432DR
www.vishay.com
Vishay Siliconix
S20-0532-Rev. G, 06-Jul-2020
2
Document Number: 66597
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
• -GE3 denotes halogen-free and RoHS-compliant
• Please use the SiP32431DR3-T1GE3 to replace SiP32431DR3-T1-E3
Notes
a. Device mounted with all leads and power pad soldered or welded to PC board
b. Derate 4.5 mW/°C above TA = 70 °C
c. Derate 5.9 mW/°C above TA = 70 °C, see PCB layout
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating / conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
Supply input voltage (VIN)
-0.3 to +6
V
Enable input voltage (VON/OFF)
-0.3 to +6
Output voltage (VOUT)
-0.3 to +6
Maximum continuous switch current (Imax.)
SC-70-6 package
1.2
A
TDFN4 1.2 mm x 1.6 mm
1.4
Maximum pulsed current (IDM) VIN
(pulsed at 1 ms, 10 % duty cycle)
VIN  2.5 V
3
VIN < 2.5 V
1.6
ESD rating (HBM)
4000
V
Junction temperature (TJ)
-40 to +125
°C
Thermal resistance (
JA)
a
6 pin SC-70-6 b
220
°C/W
4 pin TDFN4 1.2 mm x 1.6 mm c
170
Power dissipation (PD) a
6 pin SC-70- 6 b
250
mW
4 pin TDFN4 1.2 mm x 1.6 mm c
324
RECOMMENDED OPERATING RANGE
PARAMETER
LIMIT
UNIT
Input voltage range (VIN)
1.5 to 5.5
V
Operating temperature range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com