Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC2M8S0-7TC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S0-7TC
Description  3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S0-7TC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4LC2M8S0-7TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
®
AS4LC2M8S1
AS4LC1M16S1
5/21/01; v.1.1
Alliance Semiconductor
P. 3 of 29
Pin descriptions
Pin
Name
Description
CLK
System clock
All operations synchronized to rising edge of CLK.
CKE
Clock enable
Controls CLK input. If CKE is high, the next CLK rising edge is valid.
If CKE is low, the internal clock is suspended from the next clock
cycle and the burst address and output states are frozen. If both banks
are idle and CKE goes low, the SDRAM will enter power down mode
from the next clock cycle. When in power down mode and CKE is
low, no input commands will be acknowledged. To exit power down
mode, raise CKE high before the rising edge of CLK.
CS
Chip select
Enables or disables device operation by masking or enabling all inputs
except CLK, CKE, UDQM/LDQM (×16), DQM (×8).
A0~A10
Address
Row and column addresses are multiplexed. Row address: A0~A10.
Column address (2M × 8): A0~A8. Column address (1M × 16):
A0~A7.
A11
Bank select
Memory cell array is organized in 2 banks. A11 selects which internal
bank will be active. A11 is latched during bank activate, read, write,
mode register set, and precharge operations. Asserting A11 low
selects Bank A; A11 high selects Bank B.
RAS
CAS
WE
Row address strobe
Column address strobe
Write enable
Command inputs.
RAS, CAS, and WE, along with CS, define the command being
entered.
×8: DQM
×16: UDQM, LDQM
Output disable/ write mask
Controls I/O buffers. When DQM is high, output buffers are disabled
during a read operation and input data is masked during a write
operation. DQM latency is 2 clocks for Read and 0 clocks for Write.
For ×16, LDQM controls the lower byte (DQ0 – 7) and UDQM
controls the upper byte (DQ8 – 15). UDQM and LDQM are
considered to be in the same state when referred to jointly as DQM.
DQ0~DQ15
Data input/output
Data inputs/outputs are multiplexed.
VCC/VSS
Power supply/ground
Power and ground for core logic and input buffers.
VCCQ/VSSQ
Data output power/ground
Power and ground for data output buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com