Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQY210BH Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KAQY210BH
Description  SOLID STATE RELAY - MOSFET OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY210BH Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KAQY210BH Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY210BH Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY210BH Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY210BH Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY210BH Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY210BH Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY210BH Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCT SPECIFICATION
DATE:03/01/2005
Preliminary
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH
SHEET 2 OF 7
REV.
0
Electro-optical Characteristics
(
Ta=25℃)
Parameter
Symbol
Conditions
Min. Typ. Max. Unit.
Emitter(Input)
Forward Voltage
VF
IF=10mA
1.2
1.5
V
Operation Input Current
IFON
VL=±20V,IL=100mA,t=10ms
5.0
mA
Recovery Input Current
IFOFF
VL=±20V,IL≦5µA
0.05
mA
Detector(Output)
Output Breakdown Voltage
VB
IB=50µA
350
V
Output Off-State Leakage
ITOFF
VT=100V,IF=0mA
0.7
2
μ
A
I/O Capacitance
CISO
IF=0,f=1MHz
6
pF
ON Resistance
RON
IL=100mA,IF=10mA
28
35
Ω
Turn-On Time
TON
0.1
0.5
ms
Turn-Off Time
TOFF
IF=10mA,VL=±20V
t=10ms,IL=±100mA
0.3
0.5
ms
Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
2
1
3
4
1a
AC/DC
-
I L
Load
(AC,DC)
V L
(AC,DC)
2
IN
V
F
I
1
I L
V L
3
Load
4
V
2
IN
I F
1
3
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com