Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTLP3526 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KTLP3526
Description  Photo Coupler for AC Power TRIAC Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP3526 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KTLP3526 Datasheet HTML 1Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
cosmo
Photo Coupler for AC Power TRIAC Output KTLP3526
Outside Dimension:Unit ( mm )
Features:
1. Compact dual-in-line Package.
2. 600V peak blocking voltage.
3. Isolation voltage between input and output
2500Vrms.
Schematic:Top View
2:Anode
3:Cathode
4,5,6,7:N.C
9,13:TRIAC T2
11:TRIAC T1
Application:
1. TRIAC Driver.
2. Programmable Controllers.
3. AC-Output Module.
4. Solid State Relay.
11
2
4
3
5
15
13
7
6
9
15:TRIAC Gate
Absolute Maximum Ratings:( Ta=25℃ )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating ( Ta≧53℃ )
Δ
IF/℃
-0.7
mA/℃
Peak Forward Current ( 100μs pulse, 100pps )
IFP
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
℃
Off-State Output Terminal Voltage
VDRM
600
V
Ta=40℃
1.0
On-State RMS Current
Ta=60℃
IT(RMS)
0.7
A
On-State Current Derating ( Ta≧40℃ )
Δ
IT/℃
-14.3
mA/℃
Peak Current from Snubber Circuit ( 100μ pulse, 120pps )
ISP
2
A
Peak Nonrepetitive Surge Current ( 50Hz, Peak )
ITSM
10
A
Junction Temperature
Tj
110
℃
Storage Temperature Range
Tstg
-40~125
℃
Operating Temperature Range
Topr
-20~80
℃
Lead Soldering Temperature ( 10s )
Tsol
260
℃
Isolation Voltage ( AC, 1min., R.H.≦60% )
BVS
2500
Vrms
Electro-optical characteristics:
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=10mA
1.0
1.15
1.3
V
Reverse Current
IR
VR=5V
-
-
10
µA
Capacitance
CT
V=0, f=1MHz
-
30
-
pF
Peak Off-State Current
IDRM
VDRM=600V, Ta=110℃
-
-
100
µA
Peak On-State Voltage
VTM
ITM=1.5A
-
-
3.0
V
Holding Current
IH
RL=100Ω
-
-
25
mA
Critical Rate of Rise of
Off-State Voltage
dv/dt
Vin=240Vrms
200
500
-
V/µs
Critical Rate of Rise of
Commutating Voltage
dv/dt(c)
Vin=240Vrms, IT=1Arms
-
5
-
V/µs
Trigger LED Current
IFT
VT=6V
-
-
10
mA
Capacitance
( Input to Output )
CS
VS=0, f=1MHz
-
1.5
-
pF
Isolation Resistance
RS
VS=500V
5X10
10
10
14
-
Ω
AC, 1minute
2500
-
-
AC, 1second, in oil
-
5000
-
Vrms
Isolation Voltage
BVS
DC, 1minute, in oil
-
5000
-
Vdc


Similar Part No. - KTLP3526

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP3520 COSMO-KTLP3520 Datasheet
93Kb / 1P
Photo Coupler for AC Power TRIAC Output
KTLP3521 COSMO-KTLP3521 Datasheet
94Kb / 1P
Photo Coupler for AC Power TRIAC Output
KTLP3527 COSMO-KTLP3527 Datasheet
94Kb / 1P
Photo Coupler for AC Power TRIAC Output
More results

Similar Description - KTLP3526

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT30310 MARKTECH-MT30310 Datasheet
131Kb / 4P
PHOTO TRIAC COUPLER???
logo
COSMO Electronics Corp...
KTLP3502 COSMO-KTLP3502 Datasheet
92Kb / 1P
Photo Coupler for AC Power TRIAC Output
KTLP3503 COSMO-KTLP3503 Datasheet
93Kb / 1P
Photo Coupler for AC Power TRIAC Output
KTLP3506 COSMO-KTLP3506 Datasheet
92Kb / 1P
Photo Coupler for AC Power TRIAC Output
KTLP3507 COSMO-KTLP3507 Datasheet
93Kb / 1P
Photo Coupler for AC Power TRIAC Output
KTLP3520 COSMO-KTLP3520 Datasheet
93Kb / 1P
Photo Coupler for AC Power TRIAC Output
KTLP3521 COSMO-KTLP3521 Datasheet
94Kb / 1P
Photo Coupler for AC Power TRIAC Output
KTLP3527 COSMO-KTLP3527 Datasheet
94Kb / 1P
Photo Coupler for AC Power TRIAC Output
KTLP3616 COSMO-KTLP3616 Datasheet
92Kb / 1P
Photo Coupler for AC Power TRIAC Output
KTLP3617 COSMO-KTLP3617 Datasheet
93Kb / 1P
Photo Coupler for AC Power TRIAC Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com