Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-8406 Datasheet(PDF) 1 Page - CUI INC

Part # CS-8406
Description  SOLID STATE BUZZER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CS-8406 Datasheet(HTML) 1 Page - CUI INC

  CS-8406 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
date
page
PART NUMBER:
DESCRIPTION:
05/22/2020
1 of 1
SOLID STATE BUZZER
CS-8406
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating voltage
4
8
Vdc
current consumption
at 6 Vdc
25
mA
sound pressure level
at 30 cm / 6 Vdc
75
dB
tone
continuous
operating temperature
-20
60
°C
storage temperature
-30
70
°C
weight
8.5
g
RoHS
yes
7.6
(2 PLCS)
16.7
22.5
C
+
-
NC
15.24
(TYP)
(4 PLCS)
15.5
0.8 0.1
4.5
0.6
APPEARANCE DRAWING
CURRENT CONSUMPTION / SOUND PRESSURE LEVEL
tolerance: ±0.5
units: mm
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CS-8406

ManufacturerPart #DatasheetDescription
logo
CUI INC
CS-8406 CUI-CS-8406 Datasheet
72Kb / 1P
solid state buzzer
logo
CUI Devices
CS-8406 CUID-CS-8406 Datasheet
284Kb / 1P
SOLID STATE BUZZER
08/05/2022
More results

Similar Description - CS-8406

ManufacturerPart #DatasheetDescription
logo
CUI INC
CS-3212 CUI-CS-3212 Datasheet
122Kb / 1P
solid state buzzer
CS-3624 CUI-CS-3624 Datasheet
105Kb / 1P
solid state buzzer
CS-8412 CUI-CS-8412 Datasheet
124Kb / 1P
solid state buzzer
CS-8412 CUI-CS-8412_V01 Datasheet
409Kb / 1P
solid state buzzer
05/22/2020
CS-3606 CUI-CS-3606_V01 Datasheet
543Kb / 1P
solid state buzzer
05/22/2020
CS-3624 CUI-CS-3624_V01 Datasheet
497Kb / 1P
solid state buzzer
05/22/2020
logo
CUI Devices
CS-3603 CUID-CS-3603 Datasheet
602Kb / 1P
solid state buzzer
08/05/2022
CS-3612 CUID-CS-3612 Datasheet
612Kb / 1P
solid state buzzer
08/05/2022
CS-3624 CUID-CS-3624 Datasheet
537Kb / 1P
solid state buzzer
08/05/2022
CS-8406 CUID-CS-8406 Datasheet
284Kb / 1P
SOLID STATE BUZZER
08/05/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com