Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC401DB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 3 Page - Vishay Siliconix

  SIC401DB Datasheet HTML 1Page - Vishay Siliconix SIC401DB Datasheet HTML 2Page - Vishay Siliconix SIC401DB Datasheet HTML 3Page - Vishay Siliconix SIC401DB Datasheet HTML 4Page - Vishay Siliconix SIC401DB Datasheet HTML 5Page - Vishay Siliconix SIC401DB Datasheet HTML 6Page - Vishay Siliconix SIC401DB Datasheet HTML 7Page - Vishay Siliconix SIC401DB Datasheet HTML 8Page - Vishay Siliconix SIC401DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SiC401A, SiC401BCD
www.vishay.com
Vishay Siliconix
S20-0483-Rev. E, 29-Jun-2020
3
Document Number: 63835
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Format:
Line 1: P/N
Line 2: Siliconix logo and lot code and ESD symbol
Line 3: factory code and year code and work week code
PIN DESCRIPTION
PIN NUMBER
SYMBOL
DESCRIPTION
1FB
Feedback input for switching regulator used to program the output voltage - connect to an external
resistor divider from VOUT to AGND.
2VOUT
Switcher output voltage sense pin - also the input to the internal switch-over between VOUT and
VLDO. The voltage at this pin must be less than or equal to the voltage at the VDD pin.
3VDD
Bias supply for the IC - when using the internal LDO as a bias power supply, VDD is the LDO output.
When using an external power supply as the bias for the IC, the LDO output should be disabled.
4, 30, PAD 1
AGND
Analog ground
5FBL
Feedback input for the internal LDO - used to program the LDO output. Connect to an external
resistor divider from VDD to AGND.
6, 9 to 11, PAD 2
VIN
Input supply voltage
7SS
The soft start ramp will be programmed by an internal current source charging a capacitor on this
pin.
8BST
Bootstrap pin - connect a capacitor of at least 100 nF from BST to LX to develop the floating supply
for the high side gate drive.
12, 14
NC
No connection
13
LXBST
LX Boost - connect to the BST capacitor.
23 to 25, PAD3
LX
Switching (phase) node
15 to 22
PGND
Power ground
26
PGOOD
Open-drain power good indicator - high impedance indicates power is good. An external pull-up
resistor is required.
27
ILIM
Current limit sense pin - used to program the current limit by connecting a resistor from ILIM to LXS.
28
LXS
LX sense - connects to RILIM
29
EN/PSV
Enable/power save input for the switching regulator - connect to AGND to disable the switching
regulator, connect to VDD to operate with power-save mode and float to operate in forced
continuous mode.
31
tON
On-time programming input - set the on-time by connecting through a resistor to AGND
32
ENL
Enable input for the LDO - connect ENL to AGND to disable the LDO. Drive with logic signal for logic
control, or program the VIN UVLO with a resistor divider between VIN, ENL, and AGND.
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING (LINE 1: P/N)
SiC401ACD-T1-GE3
PowerPAK MLP32-55G
SiC401A
SiC401BCD-T1-GE3
PowerPAK MLP32-55G
SiC401B
SiC401DB
Reference board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com