Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC652 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC652
Description  55 A VRPower® Integrated Power Stage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC652 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC652 Datasheet HTML 1Page - Vishay Siliconix SIC652 Datasheet HTML 2Page - Vishay Siliconix SIC652 Datasheet HTML 3Page - Vishay Siliconix SIC652 Datasheet HTML 4Page - Vishay Siliconix SIC652 Datasheet HTML 5Page - Vishay Siliconix SIC652 Datasheet HTML 6Page - Vishay Siliconix SIC652 Datasheet HTML 7Page - Vishay Siliconix SIC652 Datasheet HTML 8Page - Vishay Siliconix SIC652 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SiC652
www.vishay.com
Vishay Siliconix
S19-0329-Rev. A, 08-Apr-2019
4
Document Number: 77194
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
(ZCD_EN# = 5 V, VIN = 12 V, VCC = 5 V, DSBL# = 5 V, TA = 25 °C, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITION
LIMITS
UNIT
MIN.
TYP.
MAX.
POWER SUPPLY
Control logic supply current
IVCC
VPWM = FLOAT
-
80
-
μA
VPWM = FLOAT, VZCD_EN# = 0 V
-
120
-
Drive supply current
fS = 300 kHz, D = 0.1
-
10.3
20
mA
fS = 1 MHz, D = 0.1
-
30
-
PS4 mode supply current
IVCC
VPWM = VZCD_EN# = FLOAT,
TA = -10 °C to +100 °C
-3
9
μA
DSBL# = 0 V
-
3
9
BOOTSTRAP SUPPLY
Bootstrap switch RDS(on)
RBS
VCC = 5 V
-
3
-
DSBL# CONTROL INPUT
DSBL# logic input voltage
VIH_DSBL#
Input logic high
2
-
-
V
VIL_DSBL#
Input logic low
-
-
0.8
DSBL# input current
IDSBL#
VDSBL# = 5 V
-
0.25
1
μA
PWM CONTROL INPUT (SiC652)
Rising threshold
VTH_PWM_R
3.6
3.9
4.2
V
Falling threshold
VTH_PWM_F
0.72
1
1.3
Tri-state voltage
VTRI
VPWM = FLOAT
-
2.5
-
Tri-state rising threshold
VTRI_TH_R
1.1
1.25
1.35
Tri-state falling threshold
VTRI_TH_F
3.4
3.7
4
Tri-state rising threshold hysteresis
VHYS_TRI_R
-
325
-
mV
Tri-state falling threshold hysteresis
VHYS_TRI_F
-
225
-
PWM input current
IPWM
VPWM = 5 V
-
-
350
μA
VPWM = 0 V
-
-
-350
PWM CONTROL INPUT (SiC652A)
Rising threshold
VTH_PWM_R
2.2
2.45
2.7
V
Falling threshold
VTH_PWM_F
0.72
0.9
1.1
Tri-state voltage
VTRI
VPWM = FLOAT
-
1.8
-
Tri-state rising threshold
VTRI_TH_R
0.9
1.15
1.38
Tri-state falling threshold
VTRI_TH_F
1.95
2.2
2.45
Tri-state rising threshold hysteresis
VHYS_TRI_R
-
325
-
mV
Tri-state falling threshold hysteresis
VHYS_TRI_F
-
225
-
PWM input current
IPWM
VPWM = 3.3 V
-
-
225
μA
VPWM = 0 V
-
-
-225
ZCD_EN# CONTROL INPUT
Rising threshold
VTH_ZCD_EN#_R
3.3
3.6
3.9
V
Falling threshold
VTH_ZCD_EN#_F
1.1
1.4
1.7
Tri-state voltage
VTRI_ZCD_EN#
VZCD_EN# = FLOAT
-
2.5
-
Tri-state rising threshold
VTRI_ZCD_EN#_R
1.4
1.8
2.1
Tri-state falling threshold
VTRI_ZCD_EN#_F
2.9
3.15
3.4
Tri-state rising threshold hysteresis
VHYS_TRI_ZCD#_R
-
600
-
mV
Tri-state falling threshold hysteresis
VHYS_TRI_ZCD#_F
-
450
-
ZCD_EN# input current
IZCD_EN#
VZCD_EN# = 5 V
-
-
100
μA
VZCD_EN# = 0 V
-
-
-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com