Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1677 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1677
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1677 Datasheet HTML 1Page - Maxim Integrated Products MAX1677 Datasheet HTML 2Page - Maxim Integrated Products MAX1677 Datasheet HTML 3Page - Maxim Integrated Products MAX1677 Datasheet HTML 4Page - Maxim Integrated Products MAX1677 Datasheet HTML 5Page - Maxim Integrated Products MAX1677 Datasheet HTML 6Page - Maxim Integrated Products MAX1677 Datasheet HTML 7Page - Maxim Integrated Products MAX1677 Datasheet HTML 8Page - Maxim Integrated Products MAX1677 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VOUT = 3.3V, CREF = 0.1µF, POUT = OUT, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
OUT, LCDON, ON, POUT, LBI,
LBO,
LX to GND .............................................................-0.3V to +6V
CLK/SEL, LCDPOL, REF, LCDFB,
FB to GND .............................................-0.3V to (VOUT + 0.3V)
LCDLX to GND .......................................................-0.3V to +30V
PGND, LCDGND to GND ......................................-0.3V to +0.3V
POUT to OUT.........................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........696mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Input Voltage Range
VIN
(Note 1)
0.7
5.5
V
Minimum Startup Voltage
VSTARTUP
TA = +25°C, ILOAD < 1mA
0.9
1.1
V
Reference Voltage
VREF
IREF = 0
1.23
1.25
1.27
V
Reference Load Regulation
IREF = 0 to 50µA (Note 2)
2
15
mV
Reference Line Rejection
VOUT = 2.5V to 5.5V
0.2
5
mV
Supply Current
Main DC On, LCD Off
ILCDOFF
No load, current into OUT
20
40
µA
Supply Current All On,
Main DC-DC in PFM Mode
IPFM
No load, current into OUT
35
60
µA
Supply Current All On,
Main DC-DC in PWM Mode
IPWM
No load, current into OUT
115
300
µA
Supply Current in Shutdown
0.3
5
µA
MAIN BOOST DC-DC
Output Voltage
VOUT
FB = GND, 0
≤ ILX ≤ 350mA,
CLK/SEL = OUT (Note 3)
3.20
3.30
3.43
V
FB Regulation Voltage
VFB (REG)
Adjustable mode, CLK/SEL = OUT (Note 3)
1.225
1.25
1.275
V
FB Input Current
IFB
VFB = 1.3V
0.02
50
nA
Output Voltage Adjustment
Range
2.5
5.5
V
Startup to Normal Mode
Transition Voltage (Note 4)
VLOCKOUT
2.1
2.4
V
Line Regulation
IOUT = 150mA, VIN = 2V to 3V
0.6
%
Load Regulation
CLK/SEL = OUT, VIN = 2.4V,
ILOAD = 10mA to 200mA
1%
Frequency in Startup Mode
fSTARTUP
VOUT = 15V
40
300
kHz
LX Leakage Current
ILX (LEAK)
0.2
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com