Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7545 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7545
Description  12-Bit, Buffered Multiplying DAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7545 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7545 Datasheet HTML 1Page - Sipex Corporation SP7545 Datasheet HTML 2Page - Sipex Corporation SP7545 Datasheet HTML 3Page - Sipex Corporation SP7545 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
180
ORDERING INFORMATION
Model
Integral Linearity
Package
0
°C to +70°C Operating Temperature
SP7545JCN ............................................................................
±2LSB .................................................................................. 20–pin, 0.3" Plastic DIP
SP7545JCL .............................................................................
±2LSB ................................................................................................... 20–pin PLCC
SP7545KCN ............................................................................
±1LSB .................................................................................. 20–pin, 0.3" Plastic DIP
SP7545KCL ............................................................................
±1LSB ................................................................................................... 20–pin PLCC
–40
°C to +85°C Operating Temperature
SP7545JIN ..............................................................................
±2LSB .................................................................................. 20–pin, 0.3" Plastic DIP
SP7545JIL ..............................................................................
±2LSB ................................................................................................... 20–pin PLCC
SP7545KIN .............................................................................
±1LSB .................................................................................. 20–pin, 0.3" Plastic DIP
SP7545KIL ..............................................................................
±1LSB ................................................................................................... 20–pin PLCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com