Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8481JP Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP8481JP
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8481JP Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP8481JP Datasheet HTML 4Page - Sipex Corporation SP8481JP Datasheet HTML 5Page - Sipex Corporation SP8481JP Datasheet HTML 6Page - Sipex Corporation SP8481JP Datasheet HTML 7Page - Sipex Corporation SP8481JP Datasheet HTML 8Page - Sipex Corporation SP8481JP Datasheet HTML 9Page - Sipex Corporation SP8481JP Datasheet HTML 10Page - Sipex Corporation SP8481JP Datasheet HTML 11Page - Sipex Corporation SP8481JP Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
311
ORDERING INFORMATION
12-Bit Data Acquisition System, Latched Multiplexer Address,
8-Bit/4-Bit Data Output:
Commercial (0
°C to +70°C):
Integral Non–Linearity
Package
SP8481JP ............................................................................
±1.0LSB INL ....................................................................... 32–pin, 0.6” Plastic DIP
SP8481KP ...........................................................................
±0.5LSB INL ....................................................................... 32–pin, 0.6” Plastic DIP
SP8481JS ............................................................................
±1.0LSB INL ................................................................................ 32–pin, 0.3” SOIC
SP8481KS ...........................................................................
±0.5LSB INL ................................................................................ 32–pin, 0.3” SOIC
Industrial (-40
°C to +85°C):
Integral Non–Linearity
Package
SP8481AP ...........................................................................
±1.0LSB INL ....................................................................... 32–pin, 0.6” Plastic DIP
SP8481BP ...........................................................................
±0.5LSB INL ....................................................................... 32–pin, 0.6” Plastic DIP
SP8481AS ...........................................................................
±1.0LSB INL ................................................................................ 32–pin, 0.3” SOIC
SP8481BS ...........................................................................
±0.5LSB INL ................................................................................ 32–pin, 0.3” SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com