Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS30 Datasheet(PDF) 2 Page - ETA-USA

Part # ESS30
Description  AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 30 WATTS UNIVERSAL INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

ESS30 Datasheet(HTML) 2 Page - ETA-USA

  ESS30 Datasheet HTML 1Page - ETA-USA ESS30 Datasheet HTML 2Page - ETA-USA ESS30 Datasheet HTML 3Page - ETA-USA ESS30 Datasheet HTML 4Page - ETA-USA ESS30 Datasheet HTML 5Page - ETA-USA ESS30 Datasheet HTML 6Page - ETA-USA ESS30 Datasheet HTML 7Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ETA USA
16170 Vineyard Blvd. Suite 180, Morgan Hill, CA 95037
Visit us at: www.e
ta-usa.com
Phone: 1-800-ETA-POWR, (408) 778-2793 Fax: (408) 779-2753
email at: sales@eta-usa.com
Output
Models
Characteristic Unit
ESS30-3.3
ESS30-05
ESS30-12
ESS30-15
ESS30-24
ESS30-36
ESS30-48
Output Voltage
Vdc
3.3
5.0
12
15
24
36
48
Output Current
A
6
6
2.5
2
1.3
0.8
0.65
Ripple &Noise(max)
mVpp
120
120
150
150
150
250
250
Voltage Adjust Range
V
2.97~3.63
4.50~5.50
10.8~13.2
13.5~16.5
21.6~26.4
32.4~39.6
43.2~52.8
Rise time
mS
20mS Typ.
Hold up time
mS
20mS Typ.
Regulation
a. Line Regulation
[max]
mV
30
20
48
60
96
144
192
b. Load Regulation
mV
40
40
100
120
150
240
240
0 to
+50°C
50
50
120
150
240
360
480
c. Temperature
Coefficient
-10
to
0°C
60
60
150
180
290
450
600
d. Drift(maximum)
mV
20
20
48
60
96
144
192
Efficiency
*1
%
At AC100V 73%-88.5%
At AC 200V 73.5%-90.5%
Power Factor *1
No power factor needed



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com