Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4427CU Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP4427CU
Description  Electroluminescent Lamp Driver Dual Oscillators with High Drive Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4427CU Datasheet(HTML) 7 Page - Sipex Corporation

  SP4427CU Datasheet HTML 1Page - Sipex Corporation SP4427CU Datasheet HTML 2Page - Sipex Corporation SP4427CU Datasheet HTML 3Page - Sipex Corporation SP4427CU Datasheet HTML 4Page - Sipex Corporation SP4427CU Datasheet HTML 5Page - Sipex Corporation SP4427CU Datasheet HTML 6Page - Sipex Corporation SP4427CU Datasheet HTML 7Page - Sipex Corporation SP4427CU Datasheet HTML 8Page - Sipex Corporation SP4427CU Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SP4427DS/01
SP4427 Electroluminescent Lamp Driver
© Copyright 1997 Sipex Corporation
7
EL Lamp manufacturers
Leading Edge Ind. Inc.
11578 Encore Circle
Minnetonka, MN 55343
Phone 1-800-845-6992
Nippon Graphite
Peter J. Opdahl
123 NW 13th Street #308
Boca Raton, FL 33432
Phone: (407) 392-2555
Fax: (407) 392-0807
Luminescent Systems inc. (LSI)
101 Etna Road
Lebanon, NH. 03766-9004
Phone: (603) 448-3444
Fax: (603) 448-33452
EL polarizers/transflector
manufacturers
Nitto Denko
Yoshi Shinozuka
56 Nicholson Lane
San Jose, CA. 432-5480
Top Polarizer- NPF F1205DU
Bottom - NPF F4225
or (F4205) P3 w/transflector
Transflector Material
Astra Products
Mark Bogin
P.O. Box 479
Baldwin, NJ 11510
Phone (516)-223-7500
Fax (516)-868-2371
CTC Coils LTD (HK)
Flat L-M 14 Fl, Haribest Ind'l Bldg.
45-47 Au Pul Wan Street
Fo Tan Shatin. N.T., Hong Kong
Phone: 85 2695 4889
Fax: 85 2695 1842
Contact: Alfred Wong cc Marine Au
Inductance: 20 mH
±10%
Resistance: 65 Ohms Max
Model Number: CH5070AS-203K-006
Sipex No. S51208-M-1021-Sipex
2.5
6.5 Max
9.0 Max
25
± 2.0
All dimensions in mm
Sankyo Shoji Co. (HK)
RM 28, 9/il Thriving Ind. Centre
Tsuen Wan, N.T.
Hong Kong
Phone: 8522 414 9268
Fax: 8522 413 6040
Contact: Mr. K.M. Chang
Inductance: 29mH
±20 %
Resistance: 62 Ohms
±10% @ 25˚C
Part Number SK-121
1.5
3.3
±0.2
8.1
±0.2
11
±0.2
(All Dimensions in mm)
Sankyo Shoji Co. (HK)
RM 28, 9/il Thriving Ind. Centre
Tsuen Wan, N.T.
Hong Kong
Phone: 8522 414 9268
Fax: 8522 413 6040
Contact: Mr. K.M. Chang
Inductance: 65mH
±15mH
Resistance: 270 Ohms
±15% @ 25˚C
Part Number SK-80
0.8
2.4
5.6
(All Dimensions in mm)
3.6
Max.
7
±0.5
6
±0.3
3.3
±0.3
6.8
±0.3
HITACHI METALS Ltd.
Kishimoto Bldg.
2-1, Marunouchi 2-Chome,
Chiyoda-Ku, Tokyo Japan
Phone: 3-3284-4936
Fax: 3-3287-1945
Mr. Noboru Abe
Spec.-
9 mH
±30% 42 ohm (Max)
Model: MD 735L902B
(All Dimensions in mm)
Singapore
Mr Stan kaiko,
Mr. Hiroshi Kai
Phone: 222-8077
Fax: 222-5232
Hong Kong
Mr Mori Ota
Phone: 2724-4188
Fax: 2311-2095
San Jose, CA
Mr. Kent Oda
Ph: 408 436-9505
Fx: 408 436-9601
Mark Technology: North American stocking distributor for Sankyo and CTC
Phone: 905-891-0165 FAX: 905-891-8534.
NEC Corporation
Yumi Saskai
7-1, Shiba 5 Chome, Minato-ku,
Tokyo 108-01, Japan
Phone: (03) 3798-9572
Fax: (03) 3798-6134
Seiko Precision
Shuzo Abe
1-1, Taihei 4-Chome,
Sumida-ku, Tokyo, 139 Japan
Phone: (03) 5610-7089
Fax: (03) 5610-7177
MKS
7 N. Industrial Blvd
Bridgeton, NJ. 08302
Phone: (609) 451-5545
Fax: (609) 451-9096



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com