Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OJS3.3SA Datasheet(PDF) 2 Page - ETA-USA

Part # OJS3.3SA
Description  AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132 SINGLE CHANNEL OUTPUT 10 WATTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

OJS3.3SA Datasheet(HTML) 2 Page - ETA-USA

  OJS3.3SA Datasheet HTML 1Page - ETA-USA OJS3.3SA Datasheet HTML 2Page - ETA-USA OJS3.3SA Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ETA USA
16170 Vineyard Blvd. Suite 180, Morgan Hill, CA 95037
Visit us at: www.eta-usa.com
Phone: 1-800-ETA-POWER, (408) 778-2793 Fax: (408) 779-2753
email at: sales@eta-usa.com
D
DIIM
MEEN
NSSIIO
ON
N D
DIIA
AG
GR
RA
AM
M ((m
mm
m))
Environmental Specification
Operating Temperature
-10 to 50C at full load
Operating Humidity
20-90%/RH(non-condensing)
Storage Temperature
-20 to +85°C
Withstanding Voltage
Primary-Secondary
AC1,500V for 1minute at 10Ma
Primary-Frame Ground
AC1,500V for 1minute at 10mA
Secondary-Frame Ground
AC500V for 1minute at 10mA
Isolation Resistance
Primary-Secondary-Frame Ground
50MOhm(minimum) by
DC500V insulation tester
Vibration
5-10Hz:10mm double amplitude,10-55Hz:19.6m/s2,20minutes'
period for 60minutes each along X,Y,Z axes(non-
operating)
Shock
294m/s2
Cooling
Convection
Environmental Agencies
Line Conducted Noise
Built to meet FCC Part15-B Class B
Built to meet VCCI ClassB
UL: UL60950,
C-UL: CSA C22.2 No.60950,
MTBF
[H]
1200000
Frequency[kHz](Typ.)
90-600kHz at load 0 to 100% and input voltage AC85 to
AC132V
110kHz at rated input/output conditions(130kHz for
OJS3.3SA-U)
Function/Protection
Over current Protection *7
Foldback/Current Limiting with automatic recovery
Over voltage Protection
Zener diode clamping
Remote Sense
not available
Trimming of output voltage
not available
Mechanical
Dimension [mm]
Dimension: W36×L78×H22mm
Weight
[g](typical)
open board type:30g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com