Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9502 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP9502
Description  Dual, 12-Bit, Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9502 Datasheet(HTML) 5 Page - Sipex Corporation

  SP9502 Datasheet HTML 1Page - Sipex Corporation SP9502 Datasheet HTML 2Page - Sipex Corporation SP9502 Datasheet HTML 3Page - Sipex Corporation SP9502 Datasheet HTML 4Page - Sipex Corporation SP9502 Datasheet HTML 5Page - Sipex Corporation SP9502 Datasheet HTML 6Page - Sipex Corporation SP9502 Datasheet HTML 7Page - Sipex Corporation SP9502 Datasheet HTML 8Page - Sipex Corporation SP9502 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SP9502DS/02
SP9502 Dual, 12-Bit, Voltage Output D/A Converter
© Copyright 1999 Sipex Corporation
5
most significant bits (MSBs), allowing an 8-bit
MSB-justified interface.
All data inputs are
enabled using the CS signal in both modes. The
digital inputs are designed to be both TTL and 5V
CMOS compatible.
In order to reduce the DAC full scale output
sensitivity to the large weighting of the MSB’s
found in conventional R-2R resistor ladders, the 3
MSB’s are decoded into 8 equally weighted levels.
This reduces the contribution of each bit by a factor
of 4, thus, reducing the output sensitivity to mis-
matches in resistors and switches by the same
amount. Linearity errors and stability are both
improved for the same reasons. Each D/A con-
verter is separated from the data bus by two reg-
isters, each consisting of level-triggered latches,
Figure 1. The first register (input register) is 12-
bits wide. The input register is selected by the
address input A
0 and A1 and is enabled by the CS
and WR1 signals. In the 8-bit mode, the enable
signal to the 8 MSB’s is disabled by a logic low
on B1/B2 to allow the 4 LSB’s to be updated. The
second register (DAC register), accepts the de-
coded 3 MSB’s plus the 9 LSB’s. The two DAC
registers are updated simultaneously for both
DAC’s using the XFER and WR2 signals. Using
the CLR and WR2 signals or the power-on-reset,
(enabled when the power is switched on) the DAC
registers are set to 1000 0000 0000 and the DAC
outputs will settle to 0V.
Using the control logic inputs, the user has full
control of address decoding, chip enable, data
transfer and clearing of the DAC’s. The control
logic inputs are level triggered, and like the data
inputs, are TTL and CMOS compatible. The truth
table (Table 2) shows the appropriate functions
associated with the states of the control logic
inputs.
The DACs themselves are implemented with a
precision thin–film resistor network and CMOS
transmission gate switches. Each D/A converter is
used to convert the 12-bit input from its DAC
register to a precision voltage.
The bipolar voltage output of the SP9502 is
created on-chip from the DAC Voltage Output
(V
DAC) by using an operational amplifier and two
feedback resistors connected as shown in Figure 2.
This configuration produces a
±4.5V bipolar output
rangewithstandardoffsetbinarycoding.(SeeTable1)
THEORY OF OPERATION
TheSP9502consistsoffivemainfunctionalblocks
— input data multiplexer, data registers, control
logic,12-bit D/A converters, and two bipolar
output voltage amplifiers. The input data multi-
plexer is designed to interface to either 12- or 8-bit
microprocessor data busses. The input data format
is controlled by the B1/B2 signal — a logic “1”
selects the 12-bit mode, while a logic “0” selects
the 8-bit mode. In the 12-bit mode the data is
transferred to the input registers without changes
in its format. In the 8-bit mode, the four least
significant bits (LSBs) are connected to the four
FEATURES
The SP9502 is a low power, dual version of the
popular SP9345, Quad 12-Bit Digital-to-Analog
Converter. This Dual, Voltage Output, 12-Bit
Digital-to-Analog Converter features
±4.5V output
swings when using
±5 volt supplies. The input
coding format used is standard offset binary.
(Refer to Table 1 below.)
The converter utilizes double-buffering on each of
the12 parallel digital inputs, for easy microprocessor
interface. Each 12-bit DAC is independently
addressable and both DACS may be simulta-
neously updated using a single XFER command.
The output settling-time is specified at 4
µs to full
12–bit accuracy when driving a 5Kohm,50pf load
combination. The SP9502, Dual 12-Bit Digital-
to-Analog Converter is ideally suited for applica-
tions such as ATE, process controllers, robotics,
and instrumentation. The SP9502 is available in
28–pin plastic SOIC and plastic DIP packages,
specified over the commercial (0
°C to +70°C)
temperature range.
Table 1. Offset Binary Coding
INPUT
OUTPUT
MSB
LSB
1111
1111
1111
VREF - 1 LSB
1111
1111
1110
VREF - 2 LSB
1000
0000
0001
0 + 1 LSB
1000
0000
0000
0
0000
0000
0001
-VREF + 1 LSB
0000
0000
0000
-VREF
1 LSB =
2VREF
212



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com