Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NBP8 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NBP8
Description  Battery pressure monitor sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NBP8 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NBP8 Datasheet HTML 4Page - NXP Semiconductors NBP8 Datasheet HTML 5Page - NXP Semiconductors NBP8 Datasheet HTML 6Page - NXP Semiconductors NBP8 Datasheet HTML 7Page - NXP Semiconductors NBP8 Datasheet HTML 8Page - NXP Semiconductors NBP8 Datasheet HTML 9Page - NXP Semiconductors NBP8 Datasheet HTML 10Page - NXP Semiconductors NBP8 Datasheet HTML 11Page - NXP Semiconductors NBP8 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
NXP Semiconductors
NBP8
Battery pressure monitor sensor
6.2 Serial peripheral interface (SPI) module
The SPI module is configured as a standard client SPI which allows a full duplex,
synchronous, serial communication between the unit and a server SPI device.
The principal features of the SPI block are summarized as follows:
• Client only mode operation.
• Full-duplex, 4 wire, synchronous serial communication.
• Command-Response communication format.
• SCLK operation up to 10 MHz supported.
• Fixed Clock polarity and phase supported (CPOL=0, CPHA = 0).
– The SPI module requires the base clock value to be at the low state (CPOL = 0) with
data captured on the rising edge of the clock and data propagated on the falling edge
of the clock (CPHA = 0).
• Supports 8-bit register read and write operations via 16 clock transfers.
• Even Parity error-checking.
• Alternate bus controller for the system-on-chip (SoC) internal IP Bus system.
– SPI can be used to access the entire Memory map of the NBP8.
• Contains eight, 8-bit memory mapped registers for user and test mode operations.
• Decodes SPI test mode entry sequence and enables SPI test mode.
As a client, the SPI interface is compatible with SPI interface mode 00, corresponding
to CPOL = 0 and CPHA = 0. For CPOL = 0, the idle value of the clock is zero, and the
active value of the clock is 1. For CPHA = 0, data is captured on the rising edge (low
to high transition) of the clock and data is propagated on the falling edge (high to low
transition) of the clock.
As a client, the CS_B pin is driven low at the start of a transaction, held low for the
duration of the transfer, and then driven high again after the transaction is completed.
During a transaction, the server toggles the clock (SCLK). The SCLK polarity is defined
as having an idle value that is low, and an active phase that is high (CPOL = 0). Serial
input and output data is captured on the rising edge of the colock and propagated on the
falling edge (CPHA = 0). Single-byte read and single-byte write operations are completed
in two strobes of CS_B of 16 SCLK cycles each; multiple byte reads and writes are
completed in additional multiples of 16 SCLK cycles. The first SCLK cycle latches the
most significant bit on SOCI to select whether the desired operation is a read (R/W = 1)
or a write (R/W = 0). The following 13 SCLK cycles are used to latch the client register
read or write address. The final two SCLK cycles are used to latch the parity calculation
results.
When memory is secured by SEC[1:0] settings, the SPI may access only the address
ranges indicated in Section 6.8 "Read/write targets accessible by the external host via
SPI". Other access attempts result in an error status as defined below.
Note: The SPI and the CPU share the internal address, data, and control bus, and
are arbitrated such that the SPI takes priority over the CPU. The user application must
account for inhibited execution of CPU instructions during the time the SPI has taken
control of the internal bus.
NBP8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 11 March 2022
8 / 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com