Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS8610BMDA0ES Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MFS8610BMDA0ES
Description  Fail-safe system basis chip with multiple SMPSs and LDOs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS8610BMDA0ES Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MFS8610BMDA0ES Datasheet HTML 3Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 4Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 5Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 6Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 7Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 8Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 9Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 10Page - NXP Semiconductors MFS8610BMDA0ES Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NXP Semiconductors
FS8600_SDS
Fail-safe system basis chip with multiple SMPSs and LDOs
7 Pinout information
7.1 Pinout
NC
1
48 47 46 45 44 43 42
EXPOSED PAD
FS86 in QFN 48
40 39 38 37
41
13 14 15 16 17 18 19
21 22 23 24
20
36
35
34
33
32
31
30
29
28
27
26
25
ERRMON
PRE_GLS
PRE_SW
PRE_GHS
PRE_BOOT
VMON5_RES
PRE_COMP
INTB
SDA
OTP
SCL
VMON0_I2C
FOUT
Power management
aaa-043503
Communication
Safety
Other
LDO1_IN
2
LDO1
3
FCCU2
4
FCCU1
5
BOOST_LS
6
BUCK_SW
7
BUCK_IN
8
BAT_SW
9
VMON6_RES 10
BUCK_FB
VMON7_RES 12
11
Figure 3. Pin configuration
7.2 Pin description
Pin
Name
Type
Description
1
N/C
N/C
Not connected pin
2
LDO1_IN
Analog input
Linear regulator #1 input voltage
3
LDO1
Analog output
Linear regulator #1 output voltage
4
FCCU2
Digital input
MCU Error Monitoring input 2
5
FCCU1
Digital input
MCU Error Monitoring input 1
6
BOOST_LS
Analog input
BOOST Low Side Drain of internal MOSFET
7
BUCK_SW
Analog output
Low Voltage Buck switching node
8
BUCK_IN
Analog input
Low Voltage Buck input voltage
9
BAT_SW
Digital output
Battery switch control output. Active Low. Open drain structure.
10
VMON6_RES
Analog input
External resistor bridge voltage monitoring input #6
Table 3. Pin description
FS8600_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product short data sheet
Rev. 1.1 — 23 November 2021
7 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com