Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS0102GD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open-drain; auto direction sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102GD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button NTS0102GD Datasheet HTML 9Page - NXP Semiconductors NTS0102GD Datasheet HTML 10Page - NXP Semiconductors NTS0102GD Datasheet HTML 11Page - NXP Semiconductors NTS0102GD Datasheet HTML 12Page - NXP Semiconductors NTS0102GD Datasheet HTML 13Page - NXP Semiconductors NTS0102GD Datasheet HTML 14Page - NXP Semiconductors NTS0102GD Datasheet HTML 15Page - NXP Semiconductors NTS0102GD Datasheet HTML 16Page - NXP Semiconductors NTS0102GD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open-drain; auto direction sensing
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aal963
VEXT
VCC
VI
VO
DUT
CL
RL
RL
G
Test data is given in Table 13.
All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz; ZO = 50 Ω; dV/dt ≥ 1.0 V/
ns.
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
VEXT = External voltage for measuring switching times.
Figure 8. Test circuit for measuring switching times
Supply voltage
Input
Load
VEXT
VCC(A)
VCC(B)
VI[1]
Δt/ΔV
CL
RL[2]
tPLH, tPHL tPZH, tPHZ tPZL, tPLZ[3]
1.65 V to 3.6 V 2.3 V to 5.5 V VCCI
≤ 1.0 ns/V
15 pF
50 kΩ, 1 MΩ open
open
2VCCO
Table 13. Test data
[1]
VCCI is the supply voltage associated with the input.
[2]
For measuring data rate, pulse width, propagation delay, and output rise and fall measurements, RL = 1 MΩ; for measuring enable and disable times, RL =
50 KΩ.
[3]
VCCO is the supply voltage associated with the output.
13 Application information
13.1 Applications
Voltage level-translation applications. The NTS0102 can be used in point-to-point
applications to interface between devices or systems operating at different supply
voltages. The device is primarily targeted at I2C or 1-wire which use open-drain drivers,
it may also be used in applications where push-pull drivers are connected to the ports,
however the NTB0102 may be more suitable.
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 4.3 — 20 April 2022
13 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com