Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9602JS Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP9602JS
Description  Dual, 12-Bit, Low Power Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9602JS Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP9602JS Datasheet HTML 3Page - Sipex Corporation SP9602JS Datasheet HTML 4Page - Sipex Corporation SP9602JS Datasheet HTML 5Page - Sipex Corporation SP9602JS Datasheet HTML 6Page - Sipex Corporation SP9602JS Datasheet HTML 7Page - Sipex Corporation SP9602JS Datasheet HTML 8Page - Sipex Corporation SP9602JS Datasheet HTML 9Page - Sipex Corporation SP9602JS Datasheet HTML 10Page - Sipex Corporation SP9602JS Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SP9602DS/02
SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 1999 Sipex Corporation
8
H
L
H
L
H
L
CLR
XFER
WR2
140ns, t
H
L
H
L
H
L
WR2
CS
WR1
140ns, t
Data Transfer from
Input Register to DAC's
Loads Input Data to
First Set of Latches
WR
XFER
Figure 4. Timing
Figure 3. Latch Control Options — (Top) Semi–Transparent Latch Mode; (Bottom) Fully–Transparent Latch Mode
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
N.C.
VOUT2
VSS
VDD
CLR
REF IN 2
GND
B1/B2
A
REF IN1
XFER
WR2
WR1
CS
N.C.
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
VOUT1
SP9602
+5V –5V
12–Bit
Data
Bus
VOUT2
VOUT1
+3V
References GND
Address
Decode &
Control
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
N.C.
VOUT2
VSS
VDD
CLR
REF IN 2
GND
B1/B2
A
REF IN1
XFER
WR2
WR1
CS
N.C.
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
VOUT1
SP9602
+5V –5V
12–Bit
Data
Bus
VOUT2
VOUT1
+3V
References GND
Address
Decode &
Control
DAC Strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com