Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9840KS Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP9840KS
Description  8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9840KS Datasheet(HTML) 4 Page - Sipex Corporation

  SP9840KS Datasheet HTML 1Page - Sipex Corporation SP9840KS Datasheet HTML 2Page - Sipex Corporation SP9840KS Datasheet HTML 3Page - Sipex Corporation SP9840KS Datasheet HTML 4Page - Sipex Corporation SP9840KS Datasheet HTML 5Page - Sipex Corporation SP9840KS Datasheet HTML 6Page - Sipex Corporation SP9840KS Datasheet HTML 7Page - Sipex Corporation SP9840KS Datasheet HTML 8Page - Sipex Corporation SP9840KS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
260
SP9840 PINOUT
24 VOUTD
23 VINC
22 VIND
21 VDD
20 SDI
19 GND
18 SDO
17 CLOCK
16 LOADH
15 VINH
14 VING
13 VOUTH
VOUTC 1
VOUTB
2
VOUTA 3
VINB 4
VINA 5
VREFL
6
PRESETL
7
VINE
8
VINF
9
VOUTE 10
VOUTF 11
VOUTG 12
SP9840
Pin 1 — V
OUTC — DACC Voltage Output.
Pin 2 — V
OUTB — DACB Voltage Output.
Pin 3 — V
OUTA — DACA Voltage Output.
Pin 4 — V
INB — DAC B Reference Voltage Input.
Pin 5 — V
INA — DAC A Reference Voltage Input.
Pin6—V
REFL — DAC Reference Voltage Input Low,
common to all DACs.
Pin 7 — PRESETL — Preset Input; active low; all
DAC registers forced to 80
H.
Pin 8 — V
INE — DAC E Reference Voltage Input.
Pin 9 — V
INF — DAC F Reference Voltage Input.
Pin 10 — V
OUTE — DACE Voltage Output.
Pin 11 — V
OUTF — DACF Voltage Output.
Pin 12 — V
OUTG — DACG Voltage Output.
Pin 13 — V
OUTH — DACH Voltage Output.
Pin 14 — V
ING — DACG Reference Voltage Input.
Pin 15 — V
INH — DACH Reference Voltage Input.
Pin 16 — LOADH — Load DAC Register
Strobe; active high input that transfers the data
bits from the Serial Input Register into the
decoded DAC Register. Refer to Table 1.
Pin17—CLOCK—SerialClockInput;positive-edge
triggered.
Pin18—SDO—SerialDataOutput;activetotem-pole
output.
Pin 19 — GND — Ground.
Pin 20 — SDI — Serial Data Input.
Pin 21 — V
DD — Positive 5V Power Supply.
Pin 22 — V
IND — DACD Reference Voltage Input.
Pin 23 — V
INC — DACC Reference Voltage Input.
Pin 24 — V
OUTD — DACD Voltage Output.
SP9843 PINOUT
20 VOUTD
19 VINC/D
18 VDD
17 SDI
16 GND
15 SDO
14 CLOCK
13 LOADH
12 VING/H
11 VOUTH
VOUTC 1
VOUTB
2
VOUTA 3
VINA/B 4
VREFL
5
PRESETL
6
VINE/F
7
VOUTE 8
VOUTF 9
VOUTG 10
SP9843
Pin 1 — V
OUTC — DACC Voltage Output.
Pin 2 — V
OUTB — DACB Voltage Output.
Pin 3 — V
OUTA — DACA Voltage Output.
Pin 4 — V
INA/B — DACA and B Reference Voltage
Input.
Pin 5 — V
REFL — DAC Reference Voltage
Input Low, common to all DACs.
Pin 6 — PRESETL — Preset Input; active low; all
DAC registers forced to 80
H.
Pin 7 — V
INE/F — DAC E and F Reference Voltage
Input.
Pin 8 — V
OUTE — DACE Voltage Output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com