Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI7540DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7540DP
Description  N- and P-Channel 12-V (D-S) MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7540DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7540DP Datasheet HTML 1Page - Vishay Siliconix SI7540DP Datasheet HTML 2Page - Vishay Siliconix SI7540DP Datasheet HTML 3Page - Vishay Siliconix SI7540DP Datasheet HTML 4Page - Vishay Siliconix SI7540DP Datasheet HTML 5Page - Vishay Siliconix SI7540DP Datasheet HTML 6Page - Vishay Siliconix SI7540DP Datasheet HTML 7Page - Vishay Siliconix SI7540DP Datasheet HTML 8Page - Vishay Siliconix SI7540DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 71911
S09-0227-Rev. F, 09-Feb-09
Vishay Siliconix
Si7540DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.6
1.5
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.6
- 1.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
N-Ch
± 100
nA
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 12 V, VGS = 0 V
N-Ch
1
µA
VDS = - 12 V, VGS = 0 V
P-Ch
- 1
VDS = 12 V, VGS = 0 V, TJ = 55 °C
N-Ch
5
VDS = - 12 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
20
A
VDS ≤ − 5 V, VGS = - 4.5 V
P-Ch
- 20
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 11.8 A
N-Ch
0.014
0.017
Ω
VGS = - 4.5 V, ID = - 8.9 A
P-Ch
0.026
0.032
VGS = 2.5 V, ID = 9.8 A
N-Ch
0.020
0.025
VGS = - 2.5 V, ID = - 6.9 A
P-Ch
0.043
0.053
Forward Transconductancea
gfs
VDS = 5 V, ID = 11.8 A
N-Ch
32
S
VDS = - 5 V, ID = - 8.9 A
P-Ch
23
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
N-Ch
0.77
1.2
V
IS = - 2.9 A, VGS = 0 V
P-Ch
- 0.8
- 1.2
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 6 V, VGS = 4.5 V, ID = 11.8 A
P-Channel
VDS = - 6 V, VGS = - 4.5 V, ID = - 8.9 A
N-Ch
11.5
17
nC
P-Ch
13
20
Gate-Source Charge
Qgs
N-Ch
3.2
P-Ch
4.1
Gate-Drain Charge
Qgd
N-Ch
2.5
P-Ch
1.9
Gate Resistance
Rg
N-Ch
0.5
1.7
2.5
Ω
P-Ch
1.5
3.5
5.6
Turn-On Delay Time
td(on)
N-Channel
VDD = 6 V, RL = 6 Ω
ID ≅ 1 A, VGEN = 4.5 V, Rg = 6 Ω
P-Channel
VDD = - 6 V, RL = 6 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, Rg = 6 Ω
N-Ch
30
45
ns
P-Ch
35
55
Rise Time
tr
N-Ch
50
75
P-Ch
42
65
Turn-Off Delay Time
td(off)
N-Ch
60
90
P-Ch
54
85
Fall Time
tf
N-Ch
25
40
P-Ch
17
30
Source-Drain Reverse Recovery
Time
trr
IF = 2.9 A, dI/dt = 100 A/µs
N-Ch
40
80
IF = - 2.9 A, dI/dt = 100 A/µs
P-Ch
40
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com