Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW630 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW630
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW630 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW630 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW630 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW630 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW630 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW630 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW630 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SAMWIN
SW630
REV0.1
04.10.1
General Description
This power MOSFET is produced in CHMC with
advanced VDMOS technology of SAMWIN. This
technology enable power MOSFET to have better
characteristics, such as fast switching time, low on
resistance, low gate charge and especially excellent
avalanche characteristics. This power MOSFET is
usually used at high efficient DC to DC converter
block and SMPS. It
’s typical application is TV and
monitor.
Features
N-Channel MOSFET
BV
DSS (Minimum)
R
DS(ON) (Maximum)
I
D
Qg (Typical)
P
D (@TC=25
)
: 200V
: 0.4 ohm
: 9.0A
: 26 nc
: 72W
G
S
D
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
V
DSS
Drain to Source Voltage
200
V
Continuous Drain Current (@Tc=25℃)
9
A
Continuous Drain Current (@Tc=100℃)
6.8
A
I
DM
Drain Current Pulsed
(Note 1)
36
A
V
GS
Gate to Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
160
mJ
E
AR
Repetitive Avalanche Energy
(Note 1)
7.2
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.0
V/ns
Total Power Dissipation (@Tc=25℃)
72
W
Derating Factor above 25℃
0.57
W/℃
T
STG,TJ
Operating junction temperature &Storage temperature
-55~+150
℃
T
L
Maximum Lead Temperature for soldering purpose, 1/8 from Case
for 5 seconds.
300
℃
P
D
I
D
Thermal Characteristics
℃/W
62.5
-
-
Thermal Resistance, Junction-to-Ambient
RθJA
℃/W
-
0.5
-
Thermal Resistance, Case-to-Sink
RθCS
℃/W
1.73
-
-
Thermal Resistance, Junction-to-Case
RθJC
Max
Typ
Min
Units
Value
Parameter
Symbol
1/6


Similar Part No. - SW630

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW630 SEMIPOWER-SW630 Datasheet
777Kb / 7P
N-channel MOSFET
SW630A SEMIPOWER-SW630A Datasheet
453Kb / 5P
N-channel TO-220/D-PAK MOSFET
More results

Similar Description - SW630

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com