Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9986 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9986
Description  Buffered H-Bridge Driver with Integrate MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9986 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9986 Datasheet HTML 1Page - Vishay Siliconix SI9986 Datasheet HTML 2Page - Vishay Siliconix SI9986 Datasheet HTML 3Page - Vishay Siliconix SI9986 Datasheet HTML 4Page - Vishay Siliconix SI9986 Datasheet HTML 5Page - Vishay Siliconix SI9986 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 70007
S11-0800-Rev. G, 25-Apr-11
Vishay Siliconix
Si9986
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?70007.
Supply Current vs. Frequency
0
3
6
9
12
15
0
50
100
150
200
VDD = 13.2 V
f - Frequency (kHz)
5.5 V
3.8 V
Propagation Time vs. Supply Voltage
VDD - Supply Voltage (V)
0
100
200
300
400
500
600
3
6
9
12
15
TPLH
TPHL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com