Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMOC3082 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KMOC3082
Description  ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT (600V VOLTS PEAK)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3082 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KMOC3082 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3082 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - KMOC3082

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3082 COSMO-KMOC3082 Datasheet
306Kb / 4P
COSMO New Product Photo Triac KMOC308X Series 800V
KMOC3082 COSMO-KMOC3082 Datasheet
268Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3082H COSMO-KMOC3082H Datasheet
88Kb / 6P
PRODUCT SPECIFICATION
KMOC3082H COSMO-KMOC3082H Datasheet
268Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3082L COSMO-KMOC3082L Datasheet
268Kb / 10P
5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - KMOC3082

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3063 COSMO-KMOC3063 Datasheet
384Kb / 2P
ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT
KMOC3062 COSMO-KMOC3062 Datasheet
390Kb / 2P
ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUTl
KMOC3083 COSMO-KMOC3083 Datasheet
384Kb / 2P
Zero Crossing Optoisolators Triac Driver Output
KMOC3061 COSMO-KMOC3061 Datasheet
383Kb / 2P
ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT (600V VOLTS PEAK)
KMOC3081 COSMO-KMOC3081 Datasheet
385Kb / 2P
ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT (600V VOLTS PEAK)
KMOC3011S COSMO-KMOC3011S Datasheet
76Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3041S COSMO-KMOC3041S Datasheet
85Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3042 COSMO-KMOC3042_11 Datasheet
87Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3043S COSMO-KMOC3043S Datasheet
85Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3051 COSMO-KMOC3051_11 Datasheet
85Kb / 6P
Zero Crossing Optoisolators TRIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com