Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C173 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C173
Description  TRI-STATE Quad D Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C173 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM54C173 Datasheet HTML 1Page - National Semiconductor (TI) MM54C173 Datasheet HTML 2Page - National Semiconductor (TI) MM54C173 Datasheet HTML 3Page - National Semiconductor (TI) MM54C173 Datasheet HTML 4Page - National Semiconductor (TI) MM54C173 Datasheet HTML 5Page - National Semiconductor (TI) MM54C173 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
b
03V to VCC a03V
Operating Temperature Range
MM54C173
b
55 Cto a125 C
MM74C173
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Maximum VCC Voltage
18V
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
Lead Temperature (Soldering 10 seconds)
260 C
DC Electrical Characteristics MinMax limits apply across temperature range unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 5V
35
V
VCC e 10V
80
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 5V
15
V
VCC e 10V
20
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 5V
45
V
VCC e 10V
90
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 5V
05
V
VCC e 10V
10
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V
0005
10
m
A
IIN(0)
Logical ‘‘0’’ Input Current
b
10
0005
m
A
IOZ
Output Current in High
VCC e 15V VO e 15V
0001
10
m
A
Impedance State
VCC e 15V VO e 0V
b
10
0001
m
A
ICC
Supply Current
VCC e 15V
005
300
mA
LOW POWER TTLCMOS INTERFACE
VIN(1)
Logical ‘‘1’’ Input Voltage
54C VCC e 45V
VCCb15
V
74C VCC e 45V
VCCb15
V
VIN(0)
Logical ‘‘0’’ Input Voltage
54C VCC e 45V
08
V
74C VCC e 475V
08
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
54C VCC e 45V IO eb360 mA
24
V
74C VCC e 475V IO eb360 mA
24
V
VOUT(1)
Logical ‘‘0’’ Output Voltage
54C VCC e 45V IO e 360 mA
04
V
74C VCC e 475V IO e 360 mA
04
V
tpd0 tpd1
Propagation Delay Time to
a Logical ‘‘0’’ or Logical
VCC e 5V CL e 50 pF
500
ns
‘‘1’’ from Clock
TA e 25 C
OUTPUT DRIVE (See 54C74C Family Characteristics Data Sheet) (Short Circuit Current)
ISOURCE
Output Source Current
VCC e 5V VIN(0) e 0V
b
175
mA
TA e 25 C VOUT e 0V
ISOURCE
Output Source Current
VCC e 10V VIN(0) e 0V
b
80
mA
TA e 25 C VOUT e 0V
ISINK
Output Sink Current
VCC e 5V VIN(1) e 5V
175
mA
TA e 25 C VOUT e VCC
ISINK
Output Sink Current
VCC e 10V VIN(1) e 10V
80
mA
TA e 25 C VOUT e VCC
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com