Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW634 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SW634
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW634 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SW634 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW634 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW634 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW634 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW634 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW634 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAMWIN
SW634
REV0.1
04.10.1
Fig 7. Breakdown Voltage Variation vs.
Junction Temperature
Fig 8. On-Resistance Variation vs.
Junction Temperature
Fig 11. Transient Thermal Response Curve
Fig 10. Maximum Drain Current
Vs. Case Temperature
Fig9. Maximum Safe Operating
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
T
c
,Case Temperature [
oC]
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
Note:
1.Tc=25 C
2.Tj=150 C
3.Single Pulse
10ms
1ms
100us
10us
V
D
,Drain-Source Voltage[V]
Operation In This Area
Limted By R
DS(ON)
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Note:
1.V
GS
=10V
2.I
D
=4A
T
J
,Junction Temperature[
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note:
1.V
GS
=0V
2.I
D
=250uA
T
J
,Junction Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
D
= 0 .5
0 .2
0 .1
0 . 01
0 . 02
0 . 05
N o t e:
1 .Z
JC
(t) = 1 . 73
o C / w
M
ax
2 . D u t y
F ac t o r , D = t 1 / t2
3 . T j - T c =P
DM
* Z
JC
(t)
S I N G
L E
P U L SE
t
1
, S q u a r e
W
a v e
P u l s e
D
u r a t i on
( s e c)
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com