Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW740 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SW740
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW740 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SW740 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW740 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW740 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW740 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW740 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW740 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAMWIN
SW740
REV0.2
04.11.1
Fig 7. Breakdown Voltage Variation vs.
Junction Temperature
Fig 8. On-Resistance Variation vs.
Junction Temperature
Fig 11. Transient Thermal Response Curve
Fig 10. Maximum Drain Current
Vs. Case Temperature
Fig9. Maximum Safe Operating
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
Note:
1.Tc=25 C
2.Tj=150 C
3.Single Pulse
Operation In This Area
Limted By R
DS(ON)
10ms
1ms
100us
10us
V
D
,Drain-Source Voltage[V]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note:
1.V
GS=0V
2.I
D=250uA
T
J
,Junction Temperatur [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Note:
1.V
GS=10V
2.I
D=5A
T
J
,Junction Temperature[
oC]
25
50
75
100
125
150
0
2
4
6
8
10
T
c
,Case Temperature [
oC]
1 E -5
1 E -4
1 E -3
0 . 01
0 .1
1
10
0 . 01
0 .1
1
s ing l e pu lse
D = 0 .5
0 .2
0 .1
0 . 05
0 . 02
t
1
, S q u a r e W a v e P u ls e D u r a t io n ( s e c)
N o t e:
1 .Z
JC
(t )= 0 . 93
o C /w M ax
2 . D u ty F ac t o r , D = t1 / t2
3 . T j-T c =P
DM
* Z
JC
(t)
0 .01
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com