Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW830 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SW830
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW830 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SW830 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW830 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW830 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW830 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW830 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW830 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SAMWIN
SW830
REV0.1
04.10.1
Electrical Characteristics (Tc=25℃ unless otherwise noted)
Value
Symbol
Parameter
Test Conditions
Min
Typ
Max
Off Characteristics
BV
DSS
Drain- Source Breakdown Voltage
V
GS=0V,ID=250uA
500
-
-
V
△BV
DSS/△
Tj
Breakdown Voltage Temperature
coefficient
I
D=250uA,referenced to 25℃
-
0.6
-
V/℃
V
DS=500V, VGS=0V
I
DSS
Drain-Source Leakage Current
V
DS=400V, Tc=125℃
--
1
uA
Gate-Source Leakage Current
V
GS=30V,VDS=0V
-
-
100
nA
Gate-Source Leakage Reverse
V
GS=-30V, VDS=0V
-
-
-100
nA
On Characteristics
V
GS(th)
Gate Threshold Voltage
V
DS=VGS,ID=250uA
2.0
-
4.0
V
R
DS(ON)
Static Drain-Source On-state
Resistance
V
GS=10V,ID=2.5A
-
-
1.4
ohm
Dynamic Characteristics
Ciss
Input Capacitance
-
-
1100
Coss
Output Capacitance
-
-
115
Crss
Reverse Transfer Capacitance
-
-
32
Dynamic Characteristics
t
d(on)
Turn-on Delay Time
-
-
40
t
r
Rise Time
-
-
50
t
d(off)
Turn-off Delay Time
-
-
170
t
f
Fall Time
-
-
50
Q
g
Total Gate Charge
-
28
37
Q
gs
Gate-Source Charge
-
4
-
Q
gd
Gate-Drain Charge (Miller Charge)
-
12
-
nc
V
DS=400V,VGS=10V, ID=5A
(Note4,5)
ns
V
DD=250V,ID=5A
R
G=50ohm
(Note4,5)
pF
V
GS=0V,VDS=25V, f=1MHz
I
GSS
Units
Source-Drain Diode Ratings and Characteristics
uc
-
1.5
-
Reverse Recovery Charge
Q
rr
ns
-
330
-
I
S=5A,VGS=0V
dI
F/dt=100A/us
Reverse Recovery Time
t
rr
V
1.5
-
-
I
S=5A,VGS=0V
Diode Forward Voltage
V
SD
20
-
-
Pulsed Source Current
I
SM
A
5
-
-
Integral Reverse
p-n Junction Diode
in the MOSFET
Continuous Source Current
I
S
Unit.
Max.
Typ.
Min.
Test Conditions
Parameter
Symbol
G
S
D
s
NOTES
1. Repeativity rating: pulse width limited by junction temperature
2. L=28.1mH,I
AS=5A,VDD=50V,RG=0ohm, Starting TJ=25℃
3. I
SD≤5A,di/dt≤100A/us,VDD≤BVDSS, Starting TJ=25℃
4. Pulse Test: Pulse Width≤300us,Duty Cycle≤2%
5. Essentially independent of operating temperature.
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com