Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCC00TY Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC00TY
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC00TY Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC00TY Datasheet HTML 1Page - Balluff Korea Ltd. BCC00TY Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BKS-S 32M-05
Order Code: BCC00TY
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 281130
ETIM 6.0: EC001855
BCC00TY_0.52_2022-04-21
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
15 x D
Cable
PUR Shielded black, 5 m, drag
chain compatible
Cable diameter D
6.70 mm ±0.30 mm
Cable, bending cycles min.
2 mil.
Conductor cross-section
0.25 mm²
Connection
M16x0.75-Female, Straight, 8-pin
Connector configuration
Straight
Number of conductors
8
Number of pins
8
System
assembled
Electrical data
Conductor construction
4x2 twisted-pair
Operating voltage Ub
60 VDC / 60 VAC
Rated current (40 °C)
5.0 A
Environmental conditions
Cable temperature, drag chain
-5...60 °C
Cable temperature, fixed routing
-40...90 °C
Cable temperature, flexible routing
-5...90 °C
IP rating
IP67
Material
Cable jacket material, note
Shielded
Cable jacket, material
PUR
Material contact carrier
PBT
Material contacts
Bronze
Material cover nut
Brass
Material grip
Die-cast zinc
Mechanical data
Acceleration max., drag chain
5 m/s²
Cable jacket, color
black
Cable length L
5.00 m
Cable properties
drag chain compatible
Horizontal travel permitted, drag
chain
5 m
Tightening torque pigtail
0.6 Nm
Traverse speed max., drag chain
200 m/min
Vertical travel permitted, drag chain
2 m
Remarks
Cable construction acc. to UL-AWM Style 20549
Halogen-free per DIN VDE 0472 Part 815
Silicone-free
Flame resistance per UL FT2
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.


Similar Part No. - BCC00TY

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC00T0 BALLUFF-BCC00T0 Datasheet
88Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC00TT BALLUFF-BCC00TT Datasheet
104Kb / 1P
Field-Attachable Connectors
0.5_2022-08-01
BCC00TU BALLUFF-BCC00TU Datasheet
105Kb / 2P
Single-Ended Cordsets
0.46_2022-04-22
BCC00TW BALLUFF-BCC00TW Datasheet
105Kb / 2P
Single-Ended Cordsets
0.52_2022-04-21
BCC00TZ BALLUFF-BCC00TZ Datasheet
105Kb / 2P
Single-Ended Cordsets
0.52_2022-04-22
More results

Similar Description - BCC00TY

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com