Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT7730ST Datasheet(PDF) 2 Page - Micon Design Technology Corporation

Part # MDT7730ST
Description  Step-up DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT7730ST Datasheet(HTML) 2 Page - Micon Design Technology Corporation

  MDT7730ST Datasheet HTML 1Page - Micon Design Technology Corporation MDT7730ST Datasheet HTML 2Page - Micon Design Technology Corporation MDT7730ST Datasheet HTML 3Page - Micon Design Technology Corporation MDT7730ST Datasheet HTML 4Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5. Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage
----------------
2.925
3
3.075
V
Output Ripple
----------------
±2.5
±3
%
Vin
----------------
6
V
Iout=1mA
0.75
0.8
V
Vstart
Iout=30mA
1.1
1.2
V
Iout=1mA
0.7
V
Vhold
Iout=30mA
1
V
Iin
Without loading
20
25
uA
Supply Current IDD1 VIN=VOUT × 0.95
Measured at VOUT pin
without external component
45
52
uA
Supply Current IDD2 VIN=VOUT+0.5V
Measured at VOUT pin
without external component
8
12
uA
Shutdown Current
VCE=0 , VIN=VOUT×0.95
0.5
uA
LX Leakage Current VIN=6V
1
uA
Maximum Oscillator
Frequency
VIN=VOUT0.95
Measured at ETR pin
200
230
kHz
Oscillator Duty Cycle VIN=VOUT_0.95
Measured at ETR pin
70
75
80
%
Efficiency
L , SD , CL etc. connected
85
%
+3.0V Output Type
VIN=VOUT×0.6 ; IOUT=30mA ; Ta=25℃ (Unless otherwise specified)
Note:
" Supply current 1 " is the supply current while the oscillator is continuously oscillating. In
actual operation the oscillator periodically operates. The current actually provided by an
external VIN source from VOUT pin.
" Supply current 2 " is the supply current while the oscillator stop oscillating. In actual
operation the oscillator periodically operates. The current actually provided by an external
VIN source from VOUT pin
2 of4
2005/10/18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com