Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWCSD3012UBK Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # HWCSD3012UBK
Description  Swing-Out Sectional Wall Mount Rack Cabinet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HWCSD3012UBK Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  HWCSD3012UBK Datasheet HTML 1Page - Hammond Manufacturing Ltd. HWCSD3012UBK Datasheet HTML 2Page - Hammond Manufacturing Ltd. HWCSD3012UBK Datasheet HTML 3Page - Hammond Manufacturing Ltd. HWCSD3012UBK Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1/9/22, 3:21 PM
Swing-Out Sectional Wall Mount Rack Cabinet (HWC Series) - Hammond Mfg.
https://www.hammfg.com/dci/products/wall-mount/hwc
3/4
24" Wide (Door not included)
Part No.
Overall Dimensions
Rack
Mounting (Usable) Dimensions
No Door
Height
Width
Depth
Units
Height
Width
Depth
HWC2412U27BK
27.81
24.68
26.78
12U
21.00
19.00
24.50
HWC2412U35BK
27.81
24.68
34.78
12U
21.00
19.00
32.50
HWC2418U27BK
38.31
24.68
26.78
18U
31.50
19.00
24.50
HWC2418U35BK
38.31
24.68
34.78
18U
31.50
19.00
32.50
HWC2427U27BK
54.06
24.68
26.78
27U
47.25
19.00
24.50
HWC2427U35BK
54.06
24.68
34.78
27U
47.25
19.00
32.50
Note: Mounting Dimensions / Usable Depth is the maximum equipment depth that will allow the center section of the cabinet to swing out unimpeded.
30" Wide (Door not included)
Part No.
Overall Dimensions
Rack
Mounting (Usable) Dimensions
No Door
Height
Width
Depth
Units
Height
Width
Depth
HWC3012U27BK
27.81
30.68
26.78
12U + 2U
21.00
19.00
24.50
HWC3012U35BK
27.81
30.68
34.78
12U + 2U
21.00
19.00
32.50
HWC3018U27BK
38.31
30.68
26.78
18U + 2U
31.50
19.00
24.50
HWC3018U35BK
38.31
30.68
34.78
18U + 2U
31.50
19.00
32.50
HWC3027U27BK
54.06
30.68
26.78
27U + 4U
47.25
19.00
24.50
HWC3027U35BK
54.06
30.68
34.78
27U + 4U
47.25
19.00
32.50
Note: Mounting Dimensions / Usable Depth is the maximum equipment depth that will allow the center section of the cabinet to swing out unimpeded.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com