Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8522A Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522A
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522A Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP8522A Datasheet HTML 9Page - National Semiconductor (TI) DP8522A Datasheet HTML 10Page - National Semiconductor (TI) DP8522A Datasheet HTML 11Page - National Semiconductor (TI) DP8522A Datasheet HTML 12Page - National Semiconductor (TI) DP8522A Datasheet HTML 13Page - National Semiconductor (TI) DP8522A Datasheet HTML 14Page - National Semiconductor (TI) DP8522A Datasheet HTML 15Page - National Semiconductor (TI) DP8522A Datasheet HTML 16Page - National Semiconductor (TI) DP8522A Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
40 Refresh Options
The DP8520A21A22A support a wide variety of refresh
control mode options including automatic internally con-
trolled refresh externally controlledburst refresh refresh
requestacknowledge and any combination of the above
With each of the control modes above different types of
refreshes can be performed These different types include
all RAS refresh staggered refresh and error scrubbing dur-
ing all RAS refresh
There are three inputs EXTNDRF RFSH and DISRFSH
and one output RFIP (RFRQ) associated with refresh
There are also ten programming bits R0 – 1 R9 C0 – 6 and
ECAS0 used to program the various types of refreshing
The two inputs RFSH and DISRFSH are used in the exter-
nally controlledburst refresh mode and the refresh re-
questacknowledge mode The output RFRQ is used in the
refresh requestacknowledge mode The input EXTNDRF is
used in all refresh modes and the output RFIP is used in all
refresh modes except the refresh requestacknowledge
mode Asserting the input EXTNDRF extends the refresh
cycle single or multiple integral clock periods of CLK The
output RFIP is asserted one period of CLK before the first
refresh RAS is asserted If an access is currently in prog-
ress RFIP will be asserted up to one period of CLK before
the first refresh RAS once AREQ or AREQB is negated for
the access (see
Figure 7a )
The DP8520A21A22A will increment the refresh address
counter automatically independent of the refresh mode
used The refresh address counter will be incremented once
all the refresh RASs have been negated
In every combination of refresh control mode and refresh
type the DP8520A21A22A is programmed to keep RAS
asserted a number of CLK periods The values of RAS low
time during refresh are programmed with the programming
bits R0 and R1
41 REFRESH CONTROL MODES
There are three different modes of refresh control Any of
these modes can be used in combination or singularly to
produce the desired refresh results The three different
modes of control are automatic internal refresh external
burst refresh and refresh requestacknowledge
411 Automatic Internal Refresh
The DP8520A21A22A have an internal refresh clock The
period of the refresh clock is generated from the program-
ming bits C0 – 3 Every period of the refresh clock an inter-
nal refresh request is generated As long as a VRAM access
is not currently in progress and precharge time has been
met the internal refresh request will generate an automatic
internal refresh If a VRAM access is in progress the
DP8520A21A22A on-chip arbitration logic will wait until
the access is finished before performing the refresh The
refreshaccess arbitration logic can insert a refresh cycle
between two address pipelined accesses However the re-
fresh arbitration logic can not interrupt an access cycle to
perform a refresh To enable automatic internally controlled
refreshes the input DISRFSH must be negated
412 Externally ControlledBurst Refresh
To use externally controlledburst refresh the user must
disable the automatic internally controlled refreshes by as-
serting the input DISRFSH The user is responsible for gen-
erating the refresh request by asserting the input RFSH
Pulsing RFSH low sets an internal latch that is used to
produce the internal refresh request The refresh cycle will
take place on the next positive edge of CLK as shown in
Figure 7b If an access to VRAM is in progress or precharge
time for the last access has not been met the refresh will be
delayed Since pulsing RFSH low sets a latch the user does
not have to keep RFSH low until the refresh starts When
the last refresh RAS negates the internal refresh request
latch is cleared
By keeping RFSH asserted past the positive edge of CLK
which ends the refresh cycle as shown in
Figure 8 the user
will perform another refresh cycle Using this technique the
user can perform a burst refresh consisting of any number
of refresh cycles Each refresh cycle during a burst refresh
will meet the refresh RAS low time and the RAS precharge
time (programming bits R0 – 1)
If the user desires to burst refresh the entire VRAM (all row
addresses) he could generate an end of count signal (burst
refresh finished) by looking at one of the DP8520A21A
22A high address outputs (Q7 Q8 Q9 or Q10) and the RFIP
output The Qn outputs function as a decode of how many
row addresses have been refreshed (Q7 e 128 refreshes
Q8 e 256 refreshes Q9 e 512 refreshes Q10 e 1024
refreshes)
413 Refresh RequestAcknowledge
The DP8520A21A22A can be programmed to output in-
ternal refresh requests When the user programs ECAS0
negated during programming the RFIP output functions as
RFRQ RFRQ will be asserted from a positive edge of CLK
as shown in
Figure 9a Once RFRQ is asserted it will stay
asserted until the RFSH is pulsed low with DISRFSH assert-
ed This will cause an externally requestedburst refresh to
take place If DISRFSH is negated an automatic internal
refresh will take place as shown in
Figure 9b
RFRQ will go high and then assert if additional periods of
the internal refresh clock have expired and neither an exter-
nally controlled refresh nor an automatically controlled inter-
nal refresh have taken place as shown in
Figure 9c If a time
critical event or long access like pagestatic column mode
access can not be interrupted RFRQ pulsing high can be
used to increment a counter The counter can be used to
perform a burst refresh of the number of refreshes missed
(through the RFSH input)
42 REFRESH CYCLE TYPES
Three different types of refresh cycles are available for use
The three different types are mutually exclusive and can be
used with any of the three modes of refresh control The
three different refresh cycle types are all RAS refresh stag-
gered RAS refresh and error scrubbing during all RAS re-
fresh In all refresh cycle types the RAS precharge time is
guaranteed between the previous access RAS ending and
the refresh RAS0 starting between refresh RAS3 ending
and access RAS beginning between burst refresh RASs
421 Conventional RAS Refresh
A conventional refresh cycle causes RAS0 – 3 to all assert
from the first positive edge of CLK after RFIP is asserted as
shown in
Figure 10 RAS0 – 3 will stay asserted until the
number of positive edges of CLK programmed have passed
On the last positive edge RAS0 – 3 and RFIP will be negat-
ed This type of refresh cycle is programmed by negating
address bit R9 during programming
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com